Electronic Components Datasheet Search
  English  ▼

X  

LT1963ES8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1963ES8
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963ES8 Datasheet(HTML) 5 Page - Linear Technology

  LT1963ES8 Datasheet HTML 1Page - Linear Technology LT1963ES8 Datasheet HTML 2Page - Linear Technology LT1963ES8 Datasheet HTML 3Page - Linear Technology LT1963ES8 Datasheet HTML 4Page - Linear Technology LT1963ES8 Datasheet HTML 5Page - Linear Technology LT1963ES8 Datasheet HTML 6Page - Linear Technology LT1963ES8 Datasheet HTML 7Page - Linear Technology LT1963ES8 Datasheet HTML 8Page - Linear Technology LT1963ES8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LT1963 Series
1963fc
OUTPUT CURRENT (A)
0
500
450
400
350
300
250
200
150
100
50
0
0.4
0.8
1.0
1963 • G01
0.2
0.6
1.2
1.4
1.6
TJ = 125°C
TJ = 25°C
TEMPERATURE (
°C)
–50
100
1963 G07
050
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
–25
25
75
125
IL = 1mA
TEMPERATURE (
°C)
–50
100
1963 G08
050
1.230
1.225
1.220
1.215
1.210
1.205
1.200
1.195
1.190
–25
25
75
125
IL = 1mA
TYPICAL PERFOR A CE CHARACTERISTICS
LT1963-3.3 Output Voltage
LT1963 ADJ Pin Voltage
TEMPERATURE (
°C)
–50
100
1963 G06
050
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
–25
25
75
125
IL = 1mA
LT1963-2.5 Output Voltage
OUTPUT CURRENT (A)
600
500
400
300
200
100
0
0
0.4
0.8
1.0
1963 • G02
0.2
0.6
1.2
1.4
1.6
TJ ≤ 125°C
TJ ≤ 25°C
TEST POINTS
TEMPERATURE (
°C)
–50
500
450
400
350
300
250
200
150
100
50
0
0
50
75
1963 G03
–25
25
100
125
IL = 100mA
IL = 1mA
IL = 0.5A
IL = 1.5A
TEMPERATURE (
°C)
–50
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
25
75
1963 G04
–25
0
50
100
125
LT1963-1.5/-1.8/-2.5/-3.3
LT1963
VIN = 6V
RL = ∞, IL = 0
VSHDN = VIN
TEMPERATURE (
°C)
–50
100
1963 G05
050
1.84
1.83
1.82
1.81
1.80
1.79
1.78
1.77
1.76
–25
25
75
125
IL = 1mA
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
Quiescent Current
LT1963-1.8 Output Voltage
TEMPERATURE (
°C)
–50
100
1963 G04i
050
1.54
1.53
1.52
1.51
1.50
1.49
1.48
1.47
1.46
–25
25
75
125
IL = 1mA
LT1963-1.5 Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com