Electronic Components Datasheet Search
  English  ▼

X  

BC869 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC869
Description  PNP Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC869 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BC869 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC869 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
PNP Medium Power Transistor
BC869
Features
High current.
Three current gain selections.
1.2 W total power dissipation.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-32
V
Collector-emitter voltage
VCEO
-20
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-1
A
Peak collector current
ICM
-2
A
Peak base current
IBM
-200
mA
Total power dissipation
*1 and *2
0.5
W
*1 and *3
0.85
W
*1 and *4
1.2
W
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Thermal resistance from junction to ambient
*1 and *2
250
K/W
*1 and *3
147
K/W
*1 and *4
104
K/W
Thermal resistance from junction to solder point
Rth(j-s)
20
K/W
*1.Refer to SOT89 standard mounting conditions.
*2.Device mounted on an FR4 printed-circuit board, single-sided copper, tin-plated footprint.
*3.Device mounted on an FR4 printed-circuit board, single-sided copper, tin-plated, mounting pad for collector 1 cm
2.
*4.Device mounted on an FR4 printed-circuit board, single-sided copper, tin-plated, mounting pad for collector 6 cm
2.
Ptot
Rth(j-a)


Similar Part No. - BC869

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC869 PHILIPS-BC869 Datasheet
42Kb / 8P
PNP medium power transistor
1999 Apr 08
BC869 NXP-BC869 Datasheet
177Kb / 11P
PNP medium power transistor; 20 V, 1 A
2004 Nov 08
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
BC869 MCC-BC869 Datasheet
199Kb / 2P
PNP Medium Power Transistors
logo
Shenzhen Jin Yu Semicon...
BC869 HTSEMI-BC869 Datasheet
293Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - BC869

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
PNP medium power transistor
1999 Aug 04
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772 Datasheet
90Kb / 8P
PNP MEDIUM POWER TRANSISTOR
09-Sep-2005
STX817A STMICROELECTRONICS-STX817A Datasheet
138Kb / 9P
PNP Medium power transistor
22-Jan-2006
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
PNP medium power transistor
02-Oct-2007
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
Medium Power PNP Transistor
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
PNP Medium Power Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
PNP medium power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
PNP medium power transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
PNP Medium Power Transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
PNP Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com