Electronic Components Datasheet Search
  English  ▼

X  

BC869 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC869
Description  PNP Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC869 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC869 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC869 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
VCB =-25 V, IE = 0
-100
nA
VCB =-25 V, IE =0; Tj=25
-10
ìA
Emitter cutoff current
IEBO
VEB =-5V, IC = 0
-100
nA
DC current gain
IC =-5mA; VCE =-10 V
50
BC868
IC =-500mA; VCE = -1 V
85
375
IC =-1A; VCE =-1V
60
BC868-16
hFE
IC =-500mA; VCE = -1 V
100
250
BC869-25
hFE
IC =-500mA; VCE = -1 V
160
375
Collector-emitter saturation voltage
VCE(sat)
IC =-1A; IB = -100 mA
-500
mV
IC =-5mA; VCE = -10 V
-700
mV
IC =-1A; VCE =-1V
-1
V
Collector capacitance
CC
IE =Ie=0; VCB = -10 V; f = 1 MHz
28
pF
Transition frequency
fT
IC =-50 mA; VCE = -5 V; f = 100 MHz
40
140
MHz
Base to emitter voltage
VBE
ICBO
Collector cutoff current
hFE
BC869
hFE Classification
TYPE
BC869
BC869-16
BC869-25
Marking
CEC
CGC
CHC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com