Electronic Components Datasheet Search
  English  ▼

X  

TC7109ACPL Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC7109ACPL
Description  12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7109ACPL Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC7109ACPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 13Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
3-99
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
INTERNAL CLOCK
INTEGRATOR OUTPUT
FOR NORMAL INPUT
INTEGRATOR
SATURATES
INTERNAL LATCH
INTEGRATOR OUTPUT
FOR OVERRANGE INPUT
NO ZERO
CROSSING
ZI
AZ
ZERO INTEGRATOR
PHASE FORCES
INTEGRATOR
OUTPUT TO 0V
ZERO CROSSING
OCCURS
ZERO CROSSING
DETECTED
INT
PHASE II
STATUS OUTPUT
AZ
PHASE I
DE
PHASE III
AZ
FIXED
2048
COUNTS
2048
COUNTS
MIN
4096
COUNTS
MAX
NUMBER OF COUNTS TO ZERO CROSSING
PROPORTIONAL TO VIN
AFTER ZERO CROSSING, ANALOG SECTION
WILL BE IN AUTO-ZERO CONFIGURATION
TEST
17
POL
3
OR
4
B
12
5
B
11
6
B
10
7
B
9
8
B
8
9
B
7
10
B
6
11
B
5
12
B
4
13
B
3
14
226
22
23
24
25
21
STATUS
RUN/
HOLD
OSC
IN
OSC
OUT
OSC
SEL
BUFF
OSC
OUT
MODE
TO
ANALOG
SECTION
COMP OUT
AZ
INT
DE (
±)
ZI
CONVERSION
CONTROL
LOGIC
OSCILLATOR
AND CLOCK
CIRCUITRY
HIGH-ORDER
BYTE OUTPUTS
LOW-ORDER
BYTE OUTPUTS
HANDSHAKE
LOGIC
B
2
15
B
1
16
27
SEND
18
19
20
LBEN
HBEN
CE/LOAD
1
GND
14 LATCHES
12-BIT COUNTER
14 THREE-STATE OUTPUTS
LATCH
CLOCK
Figure 4. Digital Section
Figure 3. Conversion Timing (RUN/HOLD Pin High)
TC7109
TC7109A
12-BIT
µP-COMPATIBLE
ANALOG-TO-DIGITAL CONVERTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com