Electronic Components Datasheet Search
  English  ▼

X  

TC7109ACPL Datasheet(PDF) 17 Page - TelCom Semiconductor, Inc

Part # TC7109ACPL
Description  12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7109ACPL Datasheet(HTML) 17 Page - TelCom Semiconductor, Inc

Back Button TC7109ACPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 15Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 16Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 17Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 18Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 19Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 20Page - TelCom Semiconductor, Inc TC7109ACPL Datasheet HTML 21Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
3-107
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC7109A
MODE
CE/LOAD
B9–B12
POL, OR
B1–B8
STATUS
RUN/HOLD
LBEN
HBEN
GND
GND
8
6
SEE TEXT
8255
(MODE 0)
RD WR
D7–D0
A0–A1
CS
PA5–PA0
PB7–PB0
PC5
87C48
8008, 8080,
8085, 8048, ETC.
DATA BUS
CONTROL BUS
ADDRESS BUS
ANALOG
IN
+5V
Figure 14. Full-Time Parallel Interface to MCS-48, -80, -85 Microcomputers
TC7109A
MODE
CE/LOAD
B9–B12
POL, OR
B1–B8
STATUS
RUN/HOLD
LBEN
HBEN
GND
GND
8
6
+5V
(SEE TEXT)
1
µF
8255
RD WR
D7–D0
PC6
A0–A1
CS
PA5–PA0
PB7–PB0
PC4
STBA
PC6
INTR
87C48
8008, 8080,
8085, 8048, ETC.
DATA BUS
CONTROL BUS
ADDRESS BUS
INTRA
ANALOG
IN
10k
Ω
Figure 15. Full-Time Parallel Interface to MCS-48, -80, -85 Microcomputers With Interrupt
TC7109
TC7109A
12-BIT
µP-COMPATIBLE
ANALOG-TO-DIGITAL CONVERTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com