Electronic Components Datasheet Search
  English  ▼

X  

2SA1875 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1875
Description  High-voltage Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1875 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1875 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1875 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
2.3
0.60+0.1
-0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4.60+0.15
-0.15
5.30+0.2
-0.2
2.30+0.1
-0.1
0.50+0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
www.kexin.com.cn
High-voltage Switching Transistor
2SA1875
Features
High fT :fT=400MHz(typ).
High breakdown voltage : VCEO
200V(min).
Large current capacitance.
Adoption of FBET process.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-to-Base Voltage
VCBO
-200
V
Collector-to-Emitter Voltage
VCEO
-200
V
Emitter-to-Base Voltage
VEBO
-3
V
Collector Current
IC
-300
mA
Collector Current (Pulse)
ICP
-600
mA
Base Current
IB
-30
mA
Collector Dissipation
0.8
W
Tc=25
12
W
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55to150
PC


Similar Part No. - 2SA1875

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1875 SANYO-2SA1875 Datasheet
31Kb / 5P
High-Definition CRT Display Video Output Applications
logo
Inchange Semiconductor ...
2SA1875 ISC-2SA1875 Datasheet
321Kb / 3P
Silicon PNP Power Transistor
2SA1875 ISC-2SA1875 Datasheet
302Kb / 3P
Silicon PNP Power Transistor
2SA1875-251 ISC-2SA1875-251 Datasheet
321Kb / 3P
Silicon PNP Power Transistor
2SA1875-252 ISC-2SA1875-252 Datasheet
302Kb / 3P
Silicon PNP Power Transistor
More results

Similar Description - 2SA1875

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N5551 UTC-2N5551 Datasheet
53Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5401 UTC-PZT5401 Datasheet
52Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
2SA1759 KEXIN-2SA1759 Datasheet
52Kb / 2P
High-Voltage Switching Transistor
logo
Unisonic Technologies
2N5551 UTC-2N5551_10 Datasheet
175Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401 Datasheet
110Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMBT5401 UTC-MMBT5401_15 Datasheet
116Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5401 UTC-PZT5401_15 Datasheet
103Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
PZT5551 UTC-PZT5551_15 Datasheet
199Kb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
MMDT5401 UTC-MMDT5401_15 Datasheet
106Kb / 3P
HIGH VOLTAGE SWITCHING TRANSISTOR
logo
ARTSCHIP ELECTRONICS CO...
MMBT5551 ARTSCHIP-MMBT5551 Datasheet
1Mb / 4P
HIGH VOLTAGE SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com