Electronic Components Datasheet Search
  English  ▼

X  

2SA1875 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1875
Description  High-voltage Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1875 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1875 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1875 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
unless otherwise stated
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector Cutoff Current
ICBO
VCB=-150V, IE=0
-0.1
ìA
Emitter Cutoff Current
IEBO
VEB=-2V, IC=0
-1.0
ìA
VCE=-10V, IC=-50mA
60
320
VCE=-10V, IC=-250mA
20
Gain-Bandwidth Product
fT
VCE=-10V, IC=-100mA
400
MHz
Output Capacitance
Cob
VCB=-30V, f=1MHz
5.0
pF
Reverse Transfer Capacitance
Cre
VCB=-30V, f=1MHz
4.2
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=-50mA, IB=-5mA
-1.0
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=-50mA, IB=-5mA
-1
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=-10ìA, IE=0
-200
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=-1mA, RBE=
-200
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=-100ìA, IC=0
-3
V
hFE
DC Current Gain
hFE Classification
Rank
D
E
F
hFE
60 to 120
100 to 200
160 to 320
2SA1875



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com