Electronic Components Datasheet Search
  English  ▼

X  

TC7106CPL Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC7106CPL
Description  3-1/2 DIGIT A/D CONVERTERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7106CPL Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC7106CPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
3-183
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC7106
TC7106A
TC7107
TC7107A
Figure 1. TC7106/A/7/A Typical Operating Circuit
AVAILABLE PACKAGES
40-Pin Plastic DIP
40-Pin CERDIP
44-Pin Plastic Quad Flat
Package Formed Leads
44-Pin Plastic Chip
Carrier PLCC
VREF
+
TC7106/A
TC7107/A
9V
VREF
33
34
24k
Ω
1k
Ω
29
36
39
38
40
0.47
µF
0.1
µF
V
–
1
OSC
3
OSC
2
OSC
TO ANALOG
COMMON (PIN 32)
3 CONVERSIONS/SEC
200mV FULL SCALE
COSC
100k
Ω
47k
Ω
0.22
µF
CREF
–
CREF
+
VIN
+
VIN
–
ANALOG
COMMON
VINT
V
BUFF
CAZ
20
21
SEGMENT
DRIVE
2–19
22–25
POL
BP
V
+
MINUS SIGN
BACKPLANE
DRIVE
28
ROSC 100pF
LCD DISPLAY (TC7106/A) OR
COMMON ANODE LED
DISPLAY (TC7107/A)
27
100mV
1
26
35
VREF
–
+
31
0.01
µF
ANALOG
INPUT
+
–
1M
Ω
30
32
ORDERING INFORMATION
PART CODE
TC710X X X XXX
6 = LCD
7 = LED
A or blank*
R (reversed pins) or blank (CPL pkg only)
* "A" parts have an improved reference TC
Package Code (see below):
}
Package
Temperature
Code
Package
Pin Layout
Range
CKW
44-Pin PQFP
Formed Leads
0
°C to +70°C
CLW
44-Pin PLCC
—
0
°C to +70°C
CPL
40-Pin PDIP
Normal
0
°C to +70°C
IPL
40-Pin PDIP
Normal
– 25
°C to +85°C
IJL
40-Pin CerDIP
Normal
– 25
°C to +85°C
GENERAL DESCRIPTION
The TC7106A and TC7107A 3-1/2 digit direct-display
drive analog-to-digital converters allow existing 7106/7107
based systems to be upgraded. Each device has a preci-
sion reference with a 20ppm/
°C max temperature coeffi-
cient. This represents a 4 to 7 times improvement over
similar 3-1/2 digit converters. Existing 7106 and 7107 based
systems may be upgraded without changing external pas-
sive component values. The TC7107A drives common
anode light emitting diode (LED) displays directly with 8mA
per segment. A low-cost, high-resolution indicating meter
requires only a display, four resistors, and four capacitors.
The TC7106A low power drain and 9V battery operation
make it suitable for portable applications.
The TC7106A/TC7107A reduces linearity error to less
than 1 count. Rollover error – the difference in readings for
equal magnitude but opposite polarity input signals – is
below
±1 count. High impedance differential inputs offer
1pA leakage current and a 1012
Ω input impedance. The
differential reference input allows ratiometric measurements
for ohms or bridge transducer measurements. The
15
µVP–P noise performance guarantees a “rock solid” read-
ing. The auto-zero cycle guarantees a zero display read-
ing with a zero-volts input.
FEATURES
s Internal Reference with Low Temperature Drift
TC7106/7 ....................................... 80ppm/
°C Typical
TC7106A/7A .................................. 20ppm/
°C Typical
s Drives LCD (TC7106) or LED (TC7107) Display
Directly
s Guaranteed Zero Reading With Zero Input
s Low Noise for Stable Display
s Auto-Zero Cycle Eliminates Need for Zero
Adjustment
s True Polarity Indication for Precision Null
Applications
s Convenient 9 V Battery Operation (TC7106A)
s High Impedance CMOS Differential Inputs .... 1012
Ω
s Differential Reference Inputs Simplify Ratiometric
Measurements
s Low Power Operation ..................................... 10mW
3-1/2 DIGIT A/D CONVERTERS
TC7106/6A/7/7A-7
11/4/96


Similar Part No. - TC7106CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7106CPL MICROCHIP-TC7106CPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results

Similar Description - TC7106CPL

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC14433 TELCOM-TC14433 Datasheet
149Kb / 10P
3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
A/D Converters for 3-Digit Display
August 1997
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
3 1/2 Digit, LCD/LED Display, A/D Converters
September 15, 2005
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
3 1/2 Digit A/D Converter Set
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
A/D Converters for 3-Digit Display
April 2002
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
3 1/2 DIGIT A/D CONVERTER W/LCD
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
A/D Converters for 3-Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com