Electronic Components Datasheet Search
  English  ▼

X  

TC7106CPL Datasheet(PDF) 16 Page - TelCom Semiconductor, Inc

Part # TC7106CPL
Description  3-1/2 DIGIT A/D CONVERTERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7106CPL Datasheet(HTML) 16 Page - TelCom Semiconductor, Inc

Back Button TC7106CPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 14Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 15Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 16Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 17Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 18Page - TelCom Semiconductor, Inc TC7106CPL Datasheet HTML 19Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
3-198
TELCOM SEMICONDUCTOR, INC.
TC7106
TC7106A
TC7107
TC7107A
3-1/2 DIGIT A/D CONVERTERS
Decimal Point and Annunciator Drive
The TEST pin is connected to the internally-generated
digital logic supply ground through a 500
Ω resistor. The
TEST pin may be used as the negative supply for external
CMOS gate segment drivers. LCD display annunciators for
decimal points, low battery indication, or function indication
may be added without adding an additional supply. No more
than 1mA should be supplied by the TEST pin: its potential
is approximately 5V below V+.
R Unknown
R Standard
Figure 17. Low Parts Count Ratiometric Resistance
Measurement
Ratiometric Resistance Measurements
The true differential input and differential reference
make ratiometric reading possible. Typically in a ratiometric
operation, an unknown resistance is measured with respect
to a known standard resistance. No accurately defined
reference voltage is needed.
The unknown resistance is put in series with a known
standard and a current passed through the pair. The voltage
developed across the unknown is applied to the input and
the voltage across the known resistor is applied to the
reference input. If the unknown equals the standard, the
display will read 1000. The displayed reading can be deter-
mined from the following expression:
Displayed Reading =
x 1000
The display will overrange for R Unknown
≥ 2 x R
standard.
TC7106A
BP
TEST
37
21
V+
V+
GND
TO LCD
DECIMAL
POINT
TO LCD
BACK-
PLANE
4049
TC7106A
DECIMAL
POINT
SELECT
V
+
V
+
TEST
GND
4030
TO LCD
DECIMAL
POINTS
BP
Figure 16. Decimal Point Drive Using TEST as Logic Ground
VREF
+
VREF
–
VIN
+
VIN
–
ANALOG
COMMON
TC7106A
LCD DISPLAY
R
STANDARD
R
UNKNOWN
V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com