Electronic Components Datasheet Search
  English  ▼

X  

LT1995 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1995
Description  32MHz, 1000V/關s Gain Selectable Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1995 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1995 Datasheet HTML 3Page - Linear Technology LT1995 Datasheet HTML 4Page - Linear Technology LT1995 Datasheet HTML 5Page - Linear Technology LT1995 Datasheet HTML 6Page - Linear Technology LT1995 Datasheet HTML 7Page - Linear Technology LT1995 Datasheet HTML 8Page - Linear Technology LT1995 Datasheet HTML 9Page - Linear Technology LT1995 Datasheet HTML 10Page - Linear Technology LT1995 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1995
1995fb
FREQUENCY (Hz)
1k
60
80
100
10M
1995 G18
40
20
50
70
90
30
10
0
10k
100k
1M
100M
VS = ±15V
TA = 25°C
G = 1
FREQUENCY (MHz)
–15
0
–5
–10
20
15
10
5
1995 G17
1
100
10
VS = ±15V
TA = 25°C
RL = ∞
G = –1
C = 200pF
C = 100pF
C = 50pF
C = 0pF
FREQUENCY (Hz)
100k
–2
0
2
4
6
1M
10M
100M
1995 G16
–4
–6
–8
–10
8
10
TA = 25°C
RL = 1k
±2.5V
±15V
±5V
TEMPERATURE (
°C)
–50
20
25
35
25
75
1995 G15
–25
0
50
100
125
30
50
45
40
35
–3dB BANDWIDTH
OVERSHOOT
CL = 15pF
VS = ±15V
VS = ±15V
VS = ±5V
VS = ±5V
G = –1
SUPPLY VOLTAGE (
±V)
0
20
25
30
16
1995 G14
4
8
12
218
6
10
14
42
41
40
40
35
TA = 25°C
G = –1
–3dB BANDWIDTH
OVERSHOOT
CL = 15pF
GAIN (V/V)
1
0
20
60
80
100
140
2
3
5
1995 G13
40
120
7
8
46
VS = ±15V
TA = 25°C
∆VOUT = 10V
RL = 1k
0.1% SETTLING
SETTLING TIME (ns)
0
10
8
6
2
4
0
–2
–4
–6
–8
–10
140
1995 G12
20
40
80
120
60
100
160
10mV
1mV
10mV
1mV
VS = ±15V
TA = 25°C
RL = 1k
G = –1
SETTLING TIME (ns)
0
10
8
6
2
4
0
–2
–4
–6
–8
–10
140
1995 G11
20
40
80
120
160
60
100
180
10mV
1mV
10mV
1mV
VS = ±15V
TA = 25°C
RL = 1k
G = 1
FREQUENCY (Hz)
20
18
16
14
12
10
8
6
4
2
0
–2
–4
–6
–8
–10
10k
1M
10M
100M
1995 G10
100k
G = 7
G = 4
G = 2
G = 1
VS = ±15V
TA = 25°C
RL = 1k
Frequency Response vs Supply
Voltage (G = 1, G = –1)
Frequency Response
vs Capacitive Load
Common Mode Rejection Ratio
vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS (Difference Amplifier Configuration)
Gain vs Frequency
–3dB Bandwidth and Overshoot
vs Supply Voltage
–3dB Bandwidth and Overshoot
vs Temperature
Settling Time vs Output Step
(Non-Inverting)
Settling Time vs Output Step
(Inverting)
Settling Time vs Gain
(Non-Inverting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com