Electronic Components Datasheet Search
  English  ▼

X  

LT1995 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1995
Description  32MHz, 1000V/關s Gain Selectable Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1995 Datasheet(HTML) 4 Page - Linear Technology

  LT1995 Datasheet HTML 1Page - Linear Technology LT1995 Datasheet HTML 2Page - Linear Technology LT1995 Datasheet HTML 3Page - Linear Technology LT1995 Datasheet HTML 4Page - Linear Technology LT1995 Datasheet HTML 5Page - Linear Technology LT1995 Datasheet HTML 6Page - Linear Technology LT1995 Datasheet HTML 7Page - Linear Technology LT1995 Datasheet HTML 8Page - Linear Technology LT1995 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT1995
1995fb
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
GE
Gain Error
VOUT = ±12V, RL = 1k, G = 1
±15V
●
0.05
0.25
%
VOUT = ±12V, RL = 1k, G = 2
±15V
●
0.05
0.25
%
VOUT = ±12V, RL = 1k, G = 4
±15V
●
0.05
0.25
%
VOUT = ±2.5V, RL = 500Ω, G = 1
±5V
●
0.05
0.25
%
VOUT = ±2.5V, RL = 150Ω, G = 1
±5V
●
0.05
0.35
%
VOS
Input Offset Voltage
G = 1 (MS10)
±15V
●
1.1
6.5
mV
Referred to Input (Note 7)
G = 1 (DD10)
±15V
●
1.5
11.5
mV
G = 2 (MS10)
±15V
●
0.8
5.5
mV
G = 2 (DD10)
±15V
●
1.2
9
mV
G = 4 (MS10)
±15V
●
0.7
5
mV
G = 4 (DD10)
±15V
●
0.9
7.5
mV
G = 1 (MS10)
±5V
●
1
6.5
mV
G = 1 (DD10)
±5V
●
1.4
11.5
mV
G = 1 (MS10)
±2.5V
●
1
6.5
mV
G = 1 (DD10)
±2.5V
●
1.3
11.5
mV
VOS TC
Input Offset Voltage Drift
G = 1 (MS10)
±15V
●
10
26
µV/°C
Referred to Input (Note 9)
G = 1 (DD10)
±15V
●
10
35
µV/°C
VOS_OA
Op Amp Input Offset Voltage
G = 1 (MS10)
±2.5V, ±5V, ±15V
●
0.55
3.25
mV
(Note 10)
G = 1 (DD10)
±2.5V, ±5V, ±15V
●
0.75
5.75
mV
Input Voltage Range
G = 1
±15V
●
±15
±15.5
V
±5V
●
±5
±5.5
V
±2.5V
●
±1
±1.5
V
CMRR
Common Mode Rejection Ratio
VCM = ±15V, G = 1
±15V
●
63
77
dB
Referred to Input
VCM = ±15V, G = 2
±15V
●
69
83
dB
VCM = ±15V, G = 4
±15V
●
73
86
dB
VCM = ±5V, G = 1
±5V
●
62
72
dB
VCM = ±1V, G = 1
±2.5V
●
59
66
dB
PSRR
Power Supply Rejection Ratio
P1 = M1 = 0V, G = 1, VS = ±2.5V to ±15V
●
76
86
dB
VOUT
Output Voltage Swing
RL = 1k
±15V
● ±13.1
±14
V
RL = 500Ω
±15V
● ±12.6
±13.5
V
RL = 500Ω
±5V
●
±3.4
±4V
RL = 500Ω
±2.5V
●
±1.2
±2V
ISC
Short-Circuit Current
G = 1
±15V
●
±55
±115
mA
SR
Slew Rate
G = –2, VOUT = ±12V, P2 = 0V
±15V
●
600
900
V/
µs
Measured at VOUT = ±10V
IS
Supply Current
G = 1
±15V
●
7.9
10.5
mA
±5V
●
7.4
9.9
mA
The
● denotes the specifications which apply over the 0
°C ≤ TA ≤ 70°C.
Difference Amplifier Configuration. VREF = VCM = 0V and unused gain pins are unconnected, unless otherwise noted.
ELECTRICAL CHARACTERISTICS
The
● denotes the specifications which apply over the –40
°C ≤ TA ≤ 85°C.
Difference Amplifier Configuration. VREF = VCM = 0V and unused gain pins are unconnected, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
GE
Gain Error
VOUT = ±12V, RL = 1k, G = 1
±15V
●
0.05
0.3
%
VOUT = ±12V, RL = 1k, G = 2
±15V
●
0.05
0.35
%
VOUT = ±12V, RL = 1k, G = 4
±15V
●
0.05
0.35
%
VOUT = ±2.5V, RL = 500Ω, G = 1
±5V
●
0.05
0.3
%
VOUT = ±2.5V RL = 150Ω, G = 1
±5V
●
0.05
0.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com