Electronic Components Datasheet Search
  English  ▼

X  

LT1995CMS Datasheet(PDF) 20 Page - Linear Technology

Part # LT1995CMS
Description  32MHz, 1000V/關s Gain Selectable Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1995CMS Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1995CMS Datasheet HTML 12Page - Linear Technology LT1995CMS Datasheet HTML 13Page - Linear Technology LT1995CMS Datasheet HTML 14Page - Linear Technology LT1995CMS Datasheet HTML 15Page - Linear Technology LT1995CMS Datasheet HTML 16Page - Linear Technology LT1995CMS Datasheet HTML 17Page - Linear Technology LT1995CMS Datasheet HTML 18Page - Linear Technology LT1995CMS Datasheet HTML 19Page - Linear Technology LT1995CMS Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
20
LT1995
1995fb
LT1995
G = 1
SENSE
OUTPUT
100mV/A
FLAG
OUTPUT
4A LIMIT
15V
15V TO –15V
0.1
Ω
I
10k
1995 TA05
10k
LT6700-3
400mV
–15V
REF
P1
M1
RS
0.2
Ω
10nF
LT1995
G = 5
–15V
–15V
15V
10nF
15V
IOUT
VIN
1k
1995 TA04
100
Ω
LT1880
REF
IRF9530
M4
M1
P1
P4
IOUT =
VIN
5 • RS
M1
P1
LT1995
G = –1
LT1790-1.25
–1.25V
–3V
REF
1995 TA03
3V
1
µF
1.25V
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VOUT
IIN = 600nA
1995 TA02
VIN
–V
+V
6
4
5
7
LT1995
REF
© LINEAR TECHNOLOGY CORPORATION 2004
LT/LT 0805 REV B • PRINTED IN THE USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
High Input Impedance Precision Gain of 2 Configuration
TYPICAL APPLICATIO S
Tracking Negative Reference
0A to 2A Current Source
Current Sense with Alarm
PART NUMBER
DESCRIPTION
COMMENTS
LT1363
70MHz, 1000V/
µs Op Amp
50ns Settling Time to 0.1%, CLOAD Stable
LT1990
High Voltage Difference Amplifier
±250V Common Mode Voltage, Micropower, Pin Selectable G = 1, 10
LT1991
Precision Gain Selectable Amplifier
Micropower, Precision, Pin Selectable G = –13 to 14
LTC1992
Fully Differential Amplifier
Differential Input and Output, Rail-to-Rail Output, IS = 1.2mA, CLOAD Stable
to 10,000pF, Adjustable Common Mode Voltage
LTC6910-x
Programmable Gain Amplifiers
3 Gain Configurations, Rail-to-Rail Input and Output
RELATED PARTS
10k
M4
M2
M1
P1
P2
P4
8
9
10
1
2
3
VOUT
f–3dB = 27MHz
RL = 75Ω
220
µF
47
µF
47
µF
VIN
5V
6
4
5
1995 TA06
7
LT1995
+
75
Ω
Single Supply Video Line Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com