Electronic Components Datasheet Search
  English  ▼

X  

LT1995CMS Datasheet(PDF) 3 Page - Linear Technology

Part # LT1995CMS
Description  32MHz, 1000V/關s Gain Selectable Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1995CMS Datasheet(HTML) 3 Page - Linear Technology

  LT1995CMS Datasheet HTML 1Page - Linear Technology LT1995CMS Datasheet HTML 2Page - Linear Technology LT1995CMS Datasheet HTML 3Page - Linear Technology LT1995CMS Datasheet HTML 4Page - Linear Technology LT1995CMS Datasheet HTML 5Page - Linear Technology LT1995CMS Datasheet HTML 6Page - Linear Technology LT1995CMS Datasheet HTML 7Page - Linear Technology LT1995CMS Datasheet HTML 8Page - Linear Technology LT1995CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT1995
1995fb
SYMBOL PARAMETER
CONDITIONS
VSUPPLY
MIN
TYP
MAX
UNITS
VOS_OA
Op Amp Input Offset Voltage
G = 1 (MS10)
±2.5V, ±5V, ±15V
0.5
2.5
mV
(Note 10)
G = 1 (DD10)
±2.5V, ±5V, ±15V
0.75
4.5
mV
en
Input Noise Voltage
G = 1, f = 10kHz
±2.5V to ±15V
27
nV/
√Hz
G = 2, f = 10kHz
±2.5V to ±15V
18
nV/
√Hz
G = 4, f = 10kHz
±2.5V to ±15V
14
nV/
√Hz
RIN
Common Mode Input Resistance
VCM = ±15V, G = 1
±15V
4
k
Ω
CIN
Input Capacitance
±15V
2.5
pF
Input Voltage Range
G = 1
±15V
±15
±15.5
V
±5V
±5
±5.5
V
±2.5V
±1
±1.5
V
CMRR
Common Mode Rejection Ratio
G = 1, VCM = ±15V
±15V
65
79
dB
Referred to Input
G = 2, VCM = ±15V
±15V
71
84
dB
G = 4, VCM = ±15V
±15V
75
87
dB
G = 1, VCM = ±5V
±5V
65
73
dB
G = 1, VCM = ±1V
±2.5V
61
68
dB
PSRR
Power Supply Rejection Ratio
P1 = M1 = 0V, G = 1, VS = ±2.5V to ±15V
78
87
dB
VOUT
Output Voltage Swing
RL = 1k
±15V
±13.5
±14
V
RL = 500Ω
±15V
±13
±13.5
V
RL = 500Ω
±5V
±3.5
±4V
RL = 500Ω
±2.5V
±1.3
±2V
ISC
Short-Circuit Current
G = 1
±15V
±70
±120
mA
SR
Slew Rate
G = –2, VOUT = ±12V, P2 = 0V
±15V
750
1000
V/
µs
Measured at VOUT = ±10V
G = –2, VOUT = ±3.5V, P2 = 0V
±5V
450
V/
µs
Measured at VOUT = ±2V
FPBW
Full Power Bandwidth
10V Peak, G = –2 (Note 8)
±15V
16
MHz
3V Peak, G = –2 (Note 8)
±5V
24
MHz
HD
Total Harmonic Distortion
G = 1, f = 1MHz, RL = 1k, VOUT = 2VP-P
±15V
–81
dB
–3dB Bandwidth
G = 1
±15V
32
MHz
±5V
25
MHz
±2.5V
21
MHz
tr, tf
Rise Time, Fall Time
10% to 90%, 0.1V, G = 1
±15V
10
ns
±5V
15
ns
OS
Overshoot
0.1V, G = 1, CL = 10pF
±15V
30
%
±5V
30
%
tpd
Propagation Delay
50% VIN to 50% VOUT, 0.1V, G = 1
±15V
9
ns
±5V
11
ns
ts
Settling Time
10V Step, 0.1%, G = 1
±15V
100
ns
5V Step, 0.1%, G = 1
±5V
110
ns
∆G
Differential Gain
G = 2, RL = 150Ω
±15V
0.06
%
∆θ
Differential Phase
G = 2, RL = 150Ω
±15V
0.15
Deg
ROUT
Output Resistance
f = 1MHz, G = 1
±15V
1.5
Ω
IS
Supply Current
G = 1
±15V
7.1
9.0
mA
±5V
6.7
8.5
mA
Difference Amplifier Configuration. TA = 25°C, VREF = VCM = 0V and unused gain pins are unconnected, unless otherwise noted.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com