Electronic Components Datasheet Search
  English  ▼

X  

LT3011 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3011
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3011 Datasheet HTML 3Page - Linear Technology LT3011 Datasheet HTML 4Page - Linear Technology LT3011 Datasheet HTML 5Page - Linear Technology LT3011 Datasheet HTML 6Page - Linear Technology LT3011 Datasheet HTML 7Page - Linear Technology LT3011 Datasheet HTML 8Page - Linear Technology LT3011 Datasheet HTML 9Page - Linear Technology LT3011 Datasheet HTML 10Page - Linear Technology LT3011 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT3011
7
3011f
TYPICAL PERFORMANCE CHARACTERISTICS
Reverse Output Current
Reverse Output Current
Input Ripple Rejection
Input Ripple Rejection
Minimum Input Voltage
Load Regulation
Output Noise Spectral Density
Output Noise (10Hz to 100kHz)
Transient Response
FREQUENCY (Hz)
10
0.001
0.1
10
1k
10k
100
100k
3011 G25
0.01
1
VOUT = 1.24V
COUT = 1μF
IL = 50mA
TJ = 25°C, unless otherwise noted.
3011 G26
1ms/DIV
VOUT
100μV/DIV
VOUT = 1.24V
COUT = 1μF
IL = 50mA
WORST-CASE NOISE
TIME (μs)
0
700
200
400
100
900
300
500
800
600
1000
3011 G27
VIN = 6V
VOUT SET FOR 5V
CIN = 1μF CERAMIC
COUT = 1μF CERAMIC
ΔILOAD = 1mA TO 50mA
0
0.1
0.2
–0.1
–0.2
25
0
50
0.3
OUTPUT VOLTAGE (V)
07
24
19
35
8
610
3011 G19
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ
100
120
140
80
60
20
0
40
160
ADJ PIN CLAMP
(SEE APPLICATIONS
INFORMATION)
FREQUENCY (Hz)
30
50
80
10
100
100k
1M
0
10
1k
10k
100
70
90
40
60
20
3011 G22
VIN = 7V + 50mVRMS RIPPLE
IL = 50mA, VOUT = 1.24V
COUT = 10μF
CERAMIC
COUT = 1μF
CERAMIC
TEMPERATURE (°C)
–50
70
25
3011 G20
40
20
–25
0
50
10
0
80
60
50
30
75
100 125 150
VIN = 0V
VOUT = VADJ = 1.24V
TEMPERATURE (°C)
–50
70
74
78
82
–25
0
25
50
100
75
125
86
90
72
76
80
84
88
150
3011 G21
VIN = 7V + 0.5VP-P RIPPLE AT f = 120Hz
IL = 50mA
VOUT = 1.24V
TEMPERATURE (°C)
–50
3.5
25
3011 G23
2.0
1.0
–25
0
50
0.5
0
4.0
3.0
2.5
1.5
75
100 125 150
IL = 50mA
TEMPERATURE (°C)
3011 G24
–4
–8
–10
–12
0
–2
–6
–50
0
50
75
–25
25
100
150
125
ΔIL = 1mA TO 50mA
VOUT = 1.24V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com