Electronic Components Datasheet Search
  English  ▼

X  

LT3011 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3011
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3011 Datasheet HTML 5Page - Linear Technology LT3011 Datasheet HTML 6Page - Linear Technology LT3011 Datasheet HTML 7Page - Linear Technology LT3011 Datasheet HTML 8Page - Linear Technology LT3011 Datasheet HTML 9Page - Linear Technology LT3011 Datasheet HTML 10Page - Linear Technology LT3011 Datasheet HTML 11Page - Linear Technology LT3011 Datasheet HTML 12Page - Linear Technology LT3011 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3011
9
3011f
APPLICATIONS INFORMATION
The LT3011 is a 50mA high voltage/low dropout regulator
with micropower quiescent current and shutdown. The
device is capable of supplying 50mA at a dropout voltage of
300mV. The low operating quiescent current (46μA) drops
to 1μA in shutdown. In addition to low quiescent current,
the LT3011 incorporates several protection features which
make it ideal for use in battery-powered systems. The
device is protected against both reverse input and reverse
output voltages. In battery backup applications where the
output can be held up by a backup battery when the input
is pulled to ground, the LT3011 acts like it has a diode in
series with its output and prevents reverse current flow.
Adjustable Operation
The LT3011 has an output voltage range of 1.24V to 60V. The
output voltage is set by the ratio of two external resistors as
shown in Figure 1. The device servos the output to maintain
the voltage at the adjust pin at 1.24V referenced to ground.
The current in R1 is then equal to 1.24V/R1 and the current
in R2 is the current in R1 plus the ADJ pin bias current.
The ADJ pin bias current, 30nA at 25°C, flows through
R2 into the ADJ pin. The output voltage can be calculated
using the formula in Figure 1. The value of R1 should be
less than 250k to minimize errors in the output voltage
caused by the ADJ pin bias current. Note that in shutdown
the output is turned off and the divider current will be zero.
The adjustable device is tested and specified with the
ADJ pin tied to the OUT pin and a 5μA DC load (unless
otherwise specified) for an output voltage of 1.24V. Speci-
fications for output voltages greater than 1.24V will be
proportional to the ratio of the desired output voltage to
1.24V; (VOUT/1.24V). For example, load regulation for an
output current change of 1mA to 50mA is –6mV (typical)
at VOUT = 1.24V. At VOUT = 12V, load regulation is:
12
124
658
V
V
mV
mV
.
•–
–
=
Output Capacitance and Transient Response
The LT3011 is designed to be stable with a wide range
of output capacitors. The ESR of the output capacitor
affects stability, most notably with small capacitors. A
minimum output capacitor of 1μF with an ESR of 3Ω or
less is recommended to prevent oscillations. The LT3011
is a micropower device and output transient response
will be a function of output capacitance. Larger values
of output capacitance decrease the peak deviations and
provide improved transient response for larger load current
changes. Bypass capacitors, used to decouple individual
components powered by the LT3011, will increase the
effective output capacitor value.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
temperature and applied voltage. The most common
dielectrics used are specified with EIA temperature char-
acteristic codes of Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
VIN
3011 F01
VOUT
R2
R1
+
R2
R1
VOUT = VADJ
VADJ = 1.24V
IADJ = 30nA AT 25 C
OUTPUT RANGE = 1.24V TO 60V
+ (IADJ)(R2)
1 +
IN
LT3011
OUT
ADJ
GND
Figure 1. Adjustable Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com