Electronic Components Datasheet Search
  English  ▼

X  

TC850CLW Datasheet(PDF) 14 Page - TelCom Semiconductor, Inc

Part # TC850CLW
Description  15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC850CLW Datasheet(HTML) 14 Page - TelCom Semiconductor, Inc

Back Button TC850CLW Datasheet HTML 6Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 7Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 8Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 9Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 10Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 11Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 12Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 13Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 14Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
3-90
TELCOM SEMICONDUCTOR, INC.
15-BIT, FAST-INTEGRATING CMOS
ANALOG-TO-DIGITAL CONVERTER
TC850
DB0-DB7
BUSY
INTERNAL
CLOCK
DATA
MEANINGLESS
DATA VALID
DATA MEANINGLESS
1/2 CLOCK CYCLE
836 CLOCK CYCLES
1280 INTERNAL CLOCK CYCLES
443-1/2 CLOCK
CYCLES
. . . . . . .
. . . . .
. . . . .
Figure 11. Conversion Timing, Continuous Mode
RD
BUSY
CONT/DEMAND
DB0-DB7
NOTES: CS = HIGH; CE = LOW
DATA BITS 0-7
DATA BITS 8-14
OVERRANGE
HIGH IMPEDANCE
STATE
HI-Z
tRE
tWRE
tWRD
DATA BITS 8-14
POLARITY
Figure 12. Bus Output Timing, Continuous Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com