Electronic Components Datasheet Search
  English  ▼

X  

TC850CLW Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC850CLW
Description  15-BIT, FAST-INTEGRATING CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC850CLW Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC850CLW Datasheet HTML 1Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 2Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 3Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 4Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 5Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 6Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 7Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 8Page - TelCom Semiconductor, Inc TC850CLW Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3-81
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Multiple-Slope Conversion Principles
One limitation of the dual-slope measurement tech-
nique is conversion speed. In a typical dual-slope method,
the auto-zero and integrate times are each one-half of the
deintegrate time. For a 15-bit conversion, 214 +214 +215
(65,536) clock pulses are required for auto-zero, integrate,
and deintegrate phases, respectively. The large number of
clock cycles effectively limits the conversion rate to about
2.5 conversions per second, when a typical analog CMOS
fabrication process is used.
The TC850 uses a multiple-slope conversion technique
to increase conversion speed (Figure 2B). This technique
makes use of a two-slope deintegration phase and permits
15-bit resolution up to 40 conversions per second.
During the TC850's deintegration phase, the integration
capacitor is rapidly discharged to yield a resolution of 9 bits.
At this point, some charge will remain on the capacitor. This
remaining charge is then slowly deintegrated, producing an
THEORY OF OPERATION
The TC850 is a multiple-slope, integrating analog-to-
digital converter (ADC). The multiple-slope conversion pro-
cess, combined with chopper-stabilized amplifiers, results
in a significant increase in ADC speed, while maintaining
very high resolution and accuracy.
Dual-Slope Conversion Principles
The conventional dual-slope converter measurement
cycle (shown in Figure 2A) has two distinct phases:
(1) Input signal integration
(2) Reference voltage integration (deintegration)
The input signal being converted is integrated for a fixed
time period, measured by counting clock pulses. An oppo-
site polarity constant reference voltage is then integrated
until the integrator output voltage returns to zero. The
reference integration time is directly proportional to the input
signal.
In a simple dual-slope converter, complete conversion
requires the integrator output to "ramp-up" and "ramp-
down." Most dual-slope converters add a third phase, auto-
zero. During auto-zero, offset voltages of the input buffer,
integrator, and comparator are nulled, thereby eliminating
the need for zero-offset adjustments.
Dual-slope converter accuracy is unrelated to the inte-
grating resistor and capacitor values, as long as they are
stable during a measurement cycle. By converting the
unknown analog input voltage into an easily-measured
function of time, the dual-slope converter reduces the need
for expensive, precision passive components.
Noise immunity is an inherent benefit of the integrating
conversion method. Noise spikes are integrated, or aver-
aged, to zero during the integration period. Integrating ADCs
are immune to the large conversion errors that plague
successive approximation converters in high-noise environ-
ments.
A simple mathematical equation relates the input signal,
reference voltage, and integration time:
where: VR = Reference voltage
tSI = Signal integration time (fixed)
tRI = Reference voltage integration time (variable).
Figure 1. Standard Circuit Configuration
BUSY
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
CS
CE
WR
RD
CONT/DEMAND
OVR/POL
L/H
VDD
VSS
16
8
9
10
11
12
13
14
15
1
2
3
4
5
6
7
17
TC850
0.01
µF INPUT
+1.6384V
+0.0265V
100 M
Ω
120 M
Ω
1
µF*
1
µF*
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
IN
+
IN
–
COMMON
REF1
+
REF2
+
+
REF–
BUFFER
OSC1
OSC2
INTIN
INTOUT
CINTB
CINTA
+
CREF1
–
CREF1
–
CREF2
CREF2
RINT
CINT
CBUFACBUFB
COMP
TEST
NC
18
21
28
27
29
26
19
23
24
25
35
34
37
38
36
33
39
30
31
61.44 kHz
20
22
40
–5V
+5V
DGND
32
**
**
NOTES: Unless otherwise specified, all 0.1
µF capacitors are film dielectric.
Ceramic capacitors are not recommended.
NC = No internal capacitors
*Polypropylene capacitors.
** 100pF Mica capacitors.
∫
0
tSI
VIN(t) dt =
,
VR tRI
RC
1
RC
TC850
15-BIT, FAST-INTEGRATING CMOS
ANALOG-TO-DIGITAL CONVERTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com