Electronic Components Datasheet Search
  English  ▼

X  

TC9401 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC9401
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9401 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC9401 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3-289
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
NOTES:
1. Full temperature range. Guaranteed, Not Tested.
2. IIN = 0.
3. Full temperature range, IOUT = 10mA.
4. IOUT = 10µA.
5. Threshold Detect = 5V, Amp Out = 0V, Full Temperature
Range
ELECTRICAL CHARACTERISTICS: (Cont.) VDD = +5V, VSS = – 5V, VGND = 0, VREF = – 5V, RBIAS = 100kΩ,
Full Scale = 10kHz, unless otherwise specified. TA = +25°C, unless temperature range is specified – 40°C to +85°C for
E device, 0
°C to +70°C for C device.
FREQUENCY-TO-VOLTAGE
TC9401
TC9400
TC9402
Parameter
Definition
Min
Typ Max Min Typ Max Min Typ Max
Unit
Supply Current
IDD Quiescent
Current Required From Positive
(Note 5)
Supply During Operation
—
1.5
6
—
1.5
6
—
3
10
mA
ISS Quiescent
Current Required From Negative
(Note 5)
Supply During Operation
—
– 1.5
– 6
—
– 1.5
– 6
– 3
– 10
mA
VDD Supply
Operating Range of Positive Supply
4
—
7.5
4
—
7.5
4
—
7.5
V
VSS Supply
Operating Range of Negative Supply
– 4
—
– 7.5 – 4
—
– 7.5
– 4
—
– 7.5
V
Reference Voltage
VREF –VSS
Range of Voltage Reference Input
– 2.5
—
—
– 2.5
—
—
– 2.5
—
—
V
Accuracy
Nonlinearity (Note 10)
Deviation From Ideal Transfer
—
0.01
0.02
—
0.02 0.05
— 0.05
0.25
% Full
Function as a Percentage
Scale
Full-Scale Voltage
Input Frequency
Frequency Range for Specified
10
—
100k
10
—
100k
10
—
100k
Hz
Range (Note 7 and 8)
Nonlinearity
Frequency Input
Positive Excursion
Voltage Required to Turn
0.4
—
VDD
0.4
—
VDD
0.4
—
VDD
V
Threshold Detector On
Negative Excursion
Voltage Required to Turn
– 0.4
– 2 – 0.4
—
– 2
– 0.4 —
– 2
V
Threshold Detector Off
Minimum Positive
Time Between Threshold
—
5
—
—
5
—
—
5
—
µsec
Pulse Width (Note 8)
Crossings
Minimum Negative
Time Between Threshold
—
0.5
—
—
0.5
—
—
0.5
µsec
Pulse Width (Note 8)
Crossings
Input Impedance
—
10
—
—
10
—
—
10
—
M
Ω
Analog Outputs
Output Voltage
Voltage Range of Op Amp Output
—
VDD – 1
——
VDD – 1 —— VDD – 1
—V
(Note 9)
for Specified Nonlinearity
Output Loading
Resistive Loading at Output of
2
—
—
2
—
—
2
—
—
k
Ω
Op Amp
Supply Current
IDD Quiescent
Current Required From Positive
(Note 10)
Supply During Operation
—
1.5
6
—
1.5
6
—
3
10
mA
ISS Quiescent
Current Required From Negative
(Note 10)
Supply During Operation
—
– 1.5
– 6
– 1.5 – 6
– 3
– 10
mA
VDD Supply
Operating Range of Positive Supply
4
—
7.5
4
—
7.5
4
—
7.5
V
VSS Supply
Operating Range of Negative Supply
– 4
—
– 7.5 – 4
—
– 7.5
– 4
—
– 7.5
V
Reference Voltage
VREF –VSS
Range of Voltage Reference Input
– 2.5
—
—
– 2.5
—
—
– 2.5 —
—
V
6. 10Hz to 100kHz.; Guaranteed, Not Tested
7. 5
µsec minimum positive pulse width and 0.5 µsec minimum
negative pulse width.
8. tR = tF = 20 nsec.
9. RL ≥ 2kΩ.; Tested @ 10kΩ
10. Full temperature range, VIN = – 0.1V.
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com