Electronic Components Datasheet Search
  English  ▼

X  

TC9401 Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC9401
Description  VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC9401 Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC9401 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC9401 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3-290
TELCOM SEMICONDUCTOR, INC.
Pin No.
Symbol
Description
1IBIAS
This pin sets bias current in the TC9400. Connect to VSS through a 100 kΩ resistor.
See text.
2
Zero Adj
Low frequency adjustment input. See text.
3IIN
Input current connection for the V/F converter.
4VSS
Negative power supply voltage connection, typically – 5V.
5VREFOUT
Reference capacitor connection.
6
GND
Analog ground.
7VREF
Voltage reference input, typically – 5V.
8
Pulse Freq Out
Frequency output. This open drain output will pulse LOW each time the Freq
threshold detector limit is reached. The pulse rate is proportional to input voltage.
9
Output Common
Source connection for the open drain output FETs. See text.
10
Freq/2 Out
This open drain output is a square wave at one half the frequency of the pulse
output (pin 8). Output transitions of this pin occur on the rising edge of pin 8.
11
Threshold Detect
Input to the threshold detector. This pin is the frequency input during F/V operation.
12
Amplifier Out
Output of the integrator amplifier.
13
NC
No internal connection
14
VDD
Positive power supply connection, typically +5V.
PIN DESCRIPTIONS
PIN CONFIGURATIONS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD
NC
AMPLIFIER OUT
THRESHOLD DETECTOR
FREQ/2 OUT
OUTPUT COMMON
PULSE FREQ OUT
IBIAS
ZERO ADJ
IIN
VSS
VREF OUT
GND
VREF
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VDD
NC
AMPLIFIER OUT
THRESHOLD DETECTOR
FREQ/2 OUT
OUTPUT COMMON
PULSE FREQ OUT
IBIAS
ZERO ADJ
I
IN
V
SS
V
REF
OUT
GND
V
REF
TC9400
TC9401
TC9402
TC9400
TC9401
TC9402
NC = NO INTERNAL CONNECTION
14-Pin Plastic DIP/CerDIP
14-Pin SOIC (Narrow)
VOLTAGE-TO-FREQUENCY/
FREQUENCY-TO-VOLTAGE CONVERTERS
TC9400
TC9401
TC9402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com