Electronic Components Datasheet Search
  English  ▼

X  

TC911 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC911
Description  AUTO-ZEROED OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC911 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC911 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC911 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC911 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC911 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC911 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3-263
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
AUTO-ZEROED OPERATIONAL AMPLIFIERS
FEATURES
s
First Monolithic Chopper-Stabilized Amplifier
With On-Chip Nulling Capacitors
s
Offset Voltage .................................................... 5
µV
s
Offset Voltage Drift .................................. 0.05
µV/°C
s
Low Supply Current ...................................... 350
µA
s
High Common-Mode Rejection .................... 116dB
s
Single Supply Operation ....................... 4.5V to 16V
s
High Slew Rate ............................................. 2.5V/
µs
s
Wide Bandwidth ............................................ 1.5MHz
s
High Open-Loop Voltage Gain
(RL = 10 kΩ) .................................................... 120dB
s
Low Input Voltage Noise
(0.1 Hz to 1 Hz) .......................................... 0.65
µV
P-P
s
Pin Compatible With ICL7650
s
Lower System Parts Count
GENERAL DESCRIPTION
The TC911 CMOS auto-zeroed operational amplifier is
the first complete monolithic chopper-stabilized amplifier.
Chopper operational amplifiers like the ICL7650/7652 and
LTC1052 require user-supplied, external offset compensa-
tion storage capacitors. External capacitors are not re-
quired with the TC911. Just as easy to use as the conven-
tional OP07 type amplifier, the TC911 significantly reduces
offset voltage errors. Pinout matches the OP07/741/7650
8-pin mini-DIP configuration.
Several system benefits arise by eliminating the exter-
nal chopper capacitors: lower system parts count, reduced
assembly time and cost, greater system reliability, reduced
PC board layout effort and greater board area utilization.
Space savings can be significant in multiple-amplifier de-
signs.
Electrical specifications include 15
µV maximum offset
voltage, 0.15
µV/°C maximum offset voltage temperature
coefficient. Offset voltage error is five times lower than the
premium OP07E bipolar device. The TC911 improves off-
set drift performance by eight times.
The TC911 operates from dual or single power sup-
plies. Supply current is typically 350
µA. Single 4.5V to 16V
supply operation is possible, making single 9V battery
operation possible. The TC911 is available in 2 package
types: 8-pin plastic DIP and SOIC.
PIN CONFIGURATION (SOIC and DIP)
+
–
+
–
VDD
VSS
TC911
–INPUT
+INPUT
A
2
3
47
B
*
*
A
B
6
*NOTE: Internal capacitors. No external capacitors required.
MAIN
AMPLIFIER
LOW IMPEDANCE
OUTPUT BUFFER
INTERNAL
OSCILLATOR
(f
200 Hz)
OSC ≈
V
CORRECTION AMPLIFIER
OS
+
–
OUTPUT
1
2
3
4
8
7
6
5
OUTPUT
NC
+ INPUT
TC911ACPA
TC911BCPA
– INPUT
NC
NC
V
SS
V
SS
V
DD
V
DD
NC = NO INTERNAL CONNECTION
1
2
3
4
8
7
6
5
OUTPUT
NC
+ INPUT
TC911ACOA
TC911BCOA
– INPUT
NC
NC
ORDERING INFORMATION
Maximum
Temperature
Offset
Part No.
Package
Range
Voltage
TC911ACOA
8-Pin SOIC
0
°C to +70°C15µV
TC911ACPA
8-Pin
0
°C to +70°C15µV
Plastic DIP
TC911BCOA
8-Pin SOIC
0
°C to +70°C30µV
TC911BCPA
8-Pin
0
°C to +70°C30µV
Plastic DIP
FUNCTIONAL BLOCK DIAGRAM
TC911/A/B-7 9/11/96
TC911A
TC911B


Similar Part No. - TC911

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC911 MICROCHIP-TC911 Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
logo
France Joint
TC9110X140X9X13 FRANCEJOINT-TC9110X140X9X13 Datasheet
316Kb / 5P
STANDARD SHAFT SEALS
logo
Microchip Technology
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
TC911A MICROCHIP-TC911A Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
TC911ACOA MICROCHIP-TC911ACOA Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
More results

Similar Description - TC911

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC901 TELCOM-TC901 Datasheet
55Kb / 4P
MONOLITHIC, AUTO-ZEROED OPERATIONAL AMPLIFIER
TC913A TELCOM-TC913A Datasheet
48Kb / 4P
DUAL AUTO-ZEROED OPERATIONAL AMPLIFIERS
logo
Microchip Technology
TC901 MICROCHIP-TC901 Datasheet
50Kb / 6P
Dual Auto-Zeroed Operational Amplifiers
2001
TC911A MICROCHIP-TC911A Datasheet
60Kb / 7P
Monolithic Auto-Zeroed Operational Amplifers
2001
TC913A MICROCHIP-TC913A Datasheet
429Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2002
logo
Teledyne Technologies I...
TC915 TELEDYNE-TC915 Datasheet
941Kb / 8P
HIGH-VOLTAGE, AUTO-ZEROED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC911A MICROCHIP-TC911A_05 Datasheet
263Kb / 14P
Monolithic Auto-Zeroed Operational Amplifiers
2005
TC913A MICROCHIP-TC913A_06 Datasheet
259Kb / 12P
Dual Auto-Zeroed Operational Amplifiers
2006
MCP6V01 MICROCHIP-MCP6V01 Datasheet
1Mb / 44P
300 關A, Auto-Zeroed Op Amps
2008
TC913A MICROCHIP-TC913A_13 Datasheet
205Kb / 14P
Dual Auto-Zeroed Operational Amplifiers
11/29/12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com