Electronic Components Datasheet Search
  English  ▼

X  

TC911 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC911
Description  AUTO-ZEROED OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC911 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC911 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC911 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC911 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC911 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC911 Datasheet HTML 5Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3-264
TELCOM SEMICONDUCTOR, INC.
AUTO-ZEROED MONOLITHIC
OPERATIONAL AMPLIFIERS
TC911A
TC911B
ABSOLUTE MAXIMUM RATINGS*
Total Supply Voltage (VDD to VSS) ........................... +18V
Input Voltage ........................ (VDD + 0.3V) to (VSS – 0.3V)
Current into Any Pin ................................................. 10mA
While Operating ................................................ 100
µA
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Operating Temperature Range
C Device ................................................ 0
°C to +70°C
Package Power Dissipation (TA = ≤ 70°C)
Plastic DIP ...................................................... 730mW
Plastic SOIC ................................................... 470mW
*Static-sensitive device. Unused devices should be stored in conductive
material. Stresses above those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specifications is not
implied.
ELECTRICAL CHARACTERISTICS: VS = ±5V, TA = +25°C, unless otherwise indicated.
TC911A
TC911B
Symbol Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
VOS
Input Offset Voltage
TA = +25°C
—
5
15
—
15
30
µV
TCVOS
Average Temperature
0
°C ≤ TA ≤ +70°C
—
0.05
0.15
—
0.1
0.25
µV/°C
Coefficient of Input
–25
°C ≤ TA ≤ +85°C
—
0.05
0.15
—
0.1
0.25
µV/°C
Offset Voltage
(Note 1)
IB
Average Input Bias
TA = +25°C
—
—
70
—
—
120
pA
Current
0
°C ≤ TA ≤ +70°C—
—
3
—
—
4
nA
–25
°C ≤ TA ≤ +85°C—
—
4
—
—
6
nA
IOS
Average Input
TA = +25°C
—
5
20
—
10
40
pA
Offset Current
TA = +85°C—
—
1
—
—
1
nA
eN
Input Voltage Noise
0.1 to 1 Hz, RS ≤ 100Ω
—
0.65
—
—
0.65
—
µVP-P
0.1 to 10 Hz, RS ≤ 100Ω
—11—
—
11—
µVP-P
CMRR
Common-Mode
VSS ≤ VCM ≤ VDD – 2.2
110
116
—
105
110
—
dB
Rejection Ratio
CMVR
Common-Mode
VSS
—VDD – 2
VSS
—VDD – 2
V
Voltage Range
AOL
Open-Loop Voltage
RL = 10 kΩ, VOUT = ±4V
115
120
—
110
120
—
dB
Gain
VOUT
Output Voltage Swing
RL = 10 kΩ
VSS + 0.3
—
VDD – 0.9
VSS + 0.3
—
VDD – 0.9
V
BW
Closed Loop
Closed Loop Gain = +1
—
1.5
—
—
1.5
—
MHz
Bandwidth
SR
Slew Rate
RL = 10 kΩ, CL = 50 pF
—
2.5
—
—
2.5
—
V/
µs
PSRR
Power Supply
±3.3V to ±5.5V
112
—
—
105
—
—
dB
Rejection Ratio
VS
Operating Supply
Split Supply
±3.3
—
±8
±3.3
—
±8V
Voltage Range
Single Supply
6.5
—
16
6.5
—
16
V
IS
Quiescent Supply
VS = ±5V
—
350
600
—
—
800
µA
Current
NOTES: 1. Characterized; not 100% tested.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com