Electronic Components Datasheet Search
  English  ▼

X  

TCM680 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TCM680
Description  5V TO 짹10V VOLTAGE CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM680 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TCM680 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4-13
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
FEATURES
s
99% Voltage Conversion Efficiency
s
85% Power Conversion Efficiency
s
Wide Voltage Range ......................... +2.0V to +5.5V
s
Only 4 External Capacitors Required
s
Space Saving 8-Pin SOIC Design
APPLICATIONS
s
±10V From +5V Logic Supply
s
±6V From a 3V Lithium Cell
s
Handheld Instruments
s
Portable Cellular Phones
s
LCD Display Bias Generator
s
Panel Meters
s
Operational Amplifier Power Supplies
GENERAL DESCRIPTION
The TCM680 is a dual charge pump voltage converter
that develops output voltages of +2VIN and – 2VIN from a
single input voltage of +2.0V to +5.5V. Common applica-
tions include
±10V from a single +5V logic supply, and ±6V
from a +3V lithium battery.
The TCM680 is packaged in a space-saving 8-pin
SOIC package and requires only four inexpensive external
capacitors. The charge pumps are clocked by an on-board
8kHz oscillator. Low output source impedances (typically
150
Ω) provides maximum output currents of 10mA for each
output. Typical power conversion efficiency is 85%.
High efficiency, small installed size and low cost make
the TCM680 suitable for a wide variety of applications that
need both positive and negative power supplies derived
from a single input voltage.
TYPICAL OPERATING CIRCUIT
PIN CONFIGURATIONS (DIP AND SOIC)
C1
C1
V
IN
VOUT
VOUT = (– 2 x VIN)
VOUT
VOUT = (2xVIN)
GND
GND
GND
TCM680
4.7
µF
4.7
µFC4
C3
C1
4.7
µF
2.0V<VIN < +5.5V
C2
4.7
µF
+5V
C2
C2
+
+
+
+
+
+
–
–
–
–
+
+
1
2
3
4
8
7
6
5
C1
VOUT
VOUT
VOUT
VOUT
VIN
GND
C1–
VIN
GND
TCM680CPA
TCM680EPA
18
2
7
3
6
4
5
TCM680COA
TCM680EOA
+
+
–
–
C1
+
C2
+
C1
+
C2
+
C2
–
–
C2
–
ORDERING INFORMATION
Part No.
Package
Temperature
TCM680COA
8-Pin SOIC
0
°C to +70°C
TCM680CPA
8-Pin Plastic DIP
0
°C to +70°C
TCM680EOA
8-Pin SOIC
– 40
°C to +85°C
TCM680EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC7660EV
Charge Pump Family
Evaluation Kit
+5V TO
±10V VOLTAGE CONVERTER
TCM680
EVALUATION
KIT
AVAILABLE
TC660-2 9/4/96


Similar Part No. - TCM680

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
5V To 짹10V Voltage Converter
2005
More results

Similar Description - TCM680

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1046 LINER-LTC1046 Datasheet
172Kb / 12P
?쏧nductorless??5V to 5V Converter
logo
Maxim Integrated Produc...
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX680 MAXIM-MAX680 Datasheet
84Kb / 8P
5V to 짹10V Voltage Converters
Rev 1; 7/96
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
5V To 짹10V Voltage Converter
2005
logo
Texas Instruments
PT6910 TI-PT6910 Datasheet
131Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Linear Technology
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
5V to ??V Converter
logo
Maxim Integrated Produc...
MAX1307 MAXIM-MAX1307 Datasheet
349Kb / 28P
1075ksps, 12-Bit, Parallel-Output ADCs with 짹10V, 짹5V, and 0 to 5V Analog Input Ranges
19-3481; Rev 0; 10/04
MAX680 MAXIM-MAX680_V01 Datasheet
1Mb / 9P
5V to 짹10V Voltage Converters
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com