Electronic Components Datasheet Search
  English  ▼

X  

TCM680 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TCM680
Description  5V TO 짹10V VOLTAGE CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCM680 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TCM680 Datasheet HTML 1Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 2Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 3Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 4Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 5Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 6Page - TelCom Semiconductor, Inc TCM680 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-17
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TCM680
+5V TO
±10V VOLTAGE CONVERTER
Table 1. ROUT vs. C1 ,C2
C1, C2 (
µF)
ROUT (
Ω)
0.1
1089
0.47
339
1
232
3.3
165
4.7
157
10
146
22
141
100
137
Table 2. VRIPPLE (p-p) vs. C3, C4 (IOUT = 10mA)
C3, C4 (
µF)
VRIPPLE (mV)
0.47
1540
1
734
3.3
236
4.7
172
10
91
22
52
100
27
Paralleling Devices
Paralleling multiple TCM680s reduces the output resis-
tance of both the positive and negative converters. The
effective output resistance is the output resistance of a
single device divided by the number of devices. As illus-
trated in Figure 7, each requires separate pump capacitors
C1 and C2, but all can share a single set of reservoir
capacitors.
±5V Regulated Supplies From A Single
3V Battery
Figure 8 shows a complete
±5V power supply using one
3V battery. The TCM680 provides +6V at V
+
OUT, which is
regulated to +5V by the TC55, and –5V by the negative LDO.
The input to the TCM680 can vary from 3V to 6V without
affecting regulation appreciably. With higher input voltage,
more current can be drawn from the outputs of the TCM680.
With 5V at VIN, 10mA can be drawn from both regulated
outputs simultaneously. Assuming 150
Ω source resistance
for both converters, with (I
+
L + IL) = 20mA, the positive charge
pump will droop 3V, providing +7V for the negative charge
pump.
C1
C2
V
OUT
V
OUT
C
OUT
V
IN
V
IN
V
IN
GND
GND
10
µF
10
µF
22
µF
10
µF
10
µF
NEGATIVE
SUPPLY
TCM680
C2
C1
C2
C1
C1
C2
TCM680
GND
+
–
+
–
+
–
+
–
+
–
+
+
–
–
+
–
–
–
–
+
–
Figure 7. Paralleling TCM680 for Lower Output Source Resistance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com