Electronic Components Datasheet Search
  English  ▼

X  

PXT4401 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PXT4401
Description  NPN Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PXT4401 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  PXT4401 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PXT4401 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Switching Transistor
PXT4401
Features
High current (max. 600 mA)
Low voltage (max. 40 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
60
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
5V
Collector current
IC
600
mA
Peak collector current
ICM
800
mA
Peak base current
IBM
200
mA
Ptot
*1
*2
*3
0.5
0.8
1.1
Storage temperature
Tstg
-65to+150
Junction temperature
Tj
150
Operating ambient temperature
Ramb
-65to+150
Rth(j-a)
*1
*2
*3
250
156
113
Thermal resistance from junction to soldering point
Rth(j-s)
30
K/W
*3 Device mounted on a printed-circuit board, single-sided copper, tin-plated and mounting --
----pad for collector 6 cm
2.
W
K/W
*1 Device mounted on a printed-circuit board, single-sided copper, tin-plated and standard ---
----footprint.
*2 Device mounted on a printed-circuit board, single-sided copper, tin-plated and mounting -
--pad for collector 1 cm
2.
Thermal resistance from junction to ambient
Total power dissipation


Similar Part No. - PXT4401

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXT4401 PHILIPS-PXT4401 Datasheet
45Kb / 8P
NPN switching transistor
1999 Apr 14
PXT4401 NXP-PXT4401 Datasheet
155Kb / 10P
NPN switching transistor
2004 Nov 22
logo
Nexperia B.V. All right...
PXT4401 NEXPERIA-PXT4401 Datasheet
369Kb / 11P
NPN switching transistor
2004 Nov 22
More results

Similar Description - PXT4401

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
Solid States Devices, I...
SFT6800S.5 SSDI-SFT6800S.5_1 Datasheet
94Kb / 2P
NPN switching Transistor
logo
Galaxy Semi-Conductor H...
MMBT2222AT BILIN-MMBT2222AT Datasheet
184Kb / 4P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT2222AT-SOT-523 LUGUANG-MMBT2222AT-SOT-523 Datasheet
1Mb / 4P
NPN SWITCHING TRANSISTOR
logo
TT Electronics.
2N2369A TTELEC-2N2369A Datasheet
233Kb / 3P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT3904 LUGUANG-MMBT3904 Datasheet
1Mb / 3P
NPN SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com