Electronic Components Datasheet Search
  English  ▼

X  

PXT4401 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # PXT4401
Description  NPN Switching Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

PXT4401 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  PXT4401 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd PXT4401 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector cutoff current
ICBO
IE =0; VCB = 60 V
50
nA
Emitter cutoff current
IEBO
IC =0; VEB =6V
50
nA
DC current gain *
hFE
VCE =1V, IC = 150 mA
100
300
IC = 150 mA; IB =15mA
400
mV
IC = 500 mA; IB =50mA
750
mV
IC = 150 mA; IB =15mA
950
mV
IC = 500 mA; IB =50mA
1.2
V
Collector capacitance
Cc
IE =iE =0; VCB = 5 V;f= 1 MHz
8pF
Emitter capacitance
Ce
IC =iC =0; VEB = 500 mV; f = 1 MHz
30
pF
Transition frequency
fT
IC =20mA; VCE = 10 V;f= 100 MHz
250
MHz
Turn-on time
ton
35
ns
Delay time
td
15
ns
Rise time
tr
20
ns
Turn-off time
toff
250
ns
Storage time
ts
200
ns
Fall time
tf
60
ns
* Pulse test: tp
300 ms; ä
0.02.
VCEsat
ICon = 150 mA; IBon =15mA;
IBoff =-15 mA
VBEsat
collector-emitter saturation voltage *
base-emitter saturation voltage *
PXT4401
Marking
Marking
2X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com