Electronic Components Datasheet Search
  English  ▼

X  

LT3028 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3028
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028 Datasheet(HTML) 3 Page - Linear Technology

  LT3028 Datasheet HTML 1Page - Linear Technology LT3028 Datasheet HTML 2Page - Linear Technology LT3028 Datasheet HTML 3Page - Linear Technology LT3028 Datasheet HTML 4Page - Linear Technology LT3028 Datasheet HTML 5Page - Linear Technology LT3028 Datasheet HTML 6Page - Linear Technology LT3028 Datasheet HTML 7Page - Linear Technology LT3028 Datasheet HTML 8Page - Linear Technology LT3028 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT3028
3028f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dropout Voltage
ILOAD = 1mA
0.10
0.15
V
(Output 2)
ILOAD = 1mA
●
0.19
V
VIN2 = VOUT2(NOMINAL)
ILOAD = 10mA
0.17
0.22
V
(Notes 5, 6, 10)
ILOAD = 10mA
●
0.29
V
ILOAD = 50mA
0.24
0.31
V
ILOAD = 50mA
●
0.40
V
ILOAD = 100mA
0.30
0.35
V
ILOAD = 100mA
●
0.45
V
Dropout Voltage
ILOAD = 10mA
0.12
0.19
V
(Output 1)
ILOAD = 10mA
●
0.25
V
VIN1 = VOUT1(NOMINAL)
ILOAD = 50mA
0.17
0.22
V
(Notes 5, 6, 10)
ILOAD = 50mA
●
0.32
V
ILOAD = 100mA
0.21
0.28
V
ILOAD = 100mA
●
0.34
V
ILOAD = 500mA
0.32
0.37
V
ILOAD = 500mA
●
0.47
V
GND Pin Current
ILOAD = 0mA
●
25
50
µA
(Output 2)
ILOAD = 1mA
●
60
95
µA
VIN2 = VOUT2(NOMINAL)
ILOAD = 10mA
●
230
400
µA
(Notes 5, 7)
ILOAD = 50mA
●
12
mA
ILOAD = 100mA
●
2.2
4
mA
GND Pin Current
ILOAD = 0mA
●
30
75
µA
(Output 1)
ILOAD = 1mA
●
65
120
µA
VIN1 = VOUT1(NOMINAL)
ILOAD = 50mA
●
1
1.6
mA
(Notes 5, 7)
ILOAD = 100mA
●
23
mA
ILOAD = 250mA
●
58
mA
ILOAD = 500mA
●
10
16
mA
Output Voltage Noise
COUT = 10µF, CBYP = 0.01µF, ILOAD = Full Current,
20
µVRMS
BW = 10Hz to 100kHz
ADJ1/ADJ2 Pin Bias Current
ADJ1, ADJ2 (Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
●
0.80
1.4
V
VOUT = On to Off
●
0.25
0.65
V
SHDN1/SHDN2 Pin Current
VSHDN1, VSHDN2 = 0V
●
0
0.5
µA
(Note 9)
VSHDN1, VSHDN2 = 20V
●
1
3.0
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN1 = 0V, VSHDN2 = 0V
0.01
0.1
µA
Ripple Rejection
VIN = 2.72V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
55
65
dB
ILOAD = Full Current
Current Limit
Output 2, VIN2 = 7V, VOUT2 = 0V
500
mA
VIN2 = 2.3V, ∆VOUT2 = – 0.1V
●
110
mA
Output 1, VIN1 = 7V, VOUT1 = 0V
1.3
A
VIN1 = 2.3V, ∆VOUT1 = – 0.1V
●
520
mA
Input Reverse Leakage Current
VIN = – 20V, VOUT = 0V
●
1mA
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3028 regulator is tested and specified under pulse load
conditions such that TJ ≈ TA. The LT3028E is guaranteed to meet
performance specifications from 0°C to 125°C junction temperature.
Specifications over the – 40°C to 125°C operating junction temperature
range are assured by design, characterization and correlation with
statistical process controls. The LT3028I is guaranteed and tested over the
full – 40°C to 125°C operating junction temperature range.
Note 3: The LT3028 is tested and specified for these conditions with the
ADJ1/ADJ2 pin connected to the corresponding OUT1/OUT2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com