Electronic Components Datasheet Search
  English  ▼

X  

LT3028 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3028
Description  Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulators with Independent Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3028 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3028 Datasheet HTML 2Page - Linear Technology LT3028 Datasheet HTML 3Page - Linear Technology LT3028 Datasheet HTML 4Page - Linear Technology LT3028 Datasheet HTML 5Page - Linear Technology LT3028 Datasheet HTML 6Page - Linear Technology LT3028 Datasheet HTML 7Page - Linear Technology LT3028 Datasheet HTML 8Page - Linear Technology LT3028 Datasheet HTML 9Page - Linear Technology LT3028 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT3028
3028f
TYPICAL PERFOR A CE CHARACTERISTICS
SHDN1 or SHDN2 Pin Threshold
(Off-to-On)
TEMPERATURE (°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
3028 G16
–25
25
100
125
IL = FULL
IL = 1mA
SHDN PIN VOLTAGE (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3028 G17
0123
4
5
67
8
9
10
TJ = 25°C
TEMPERATURE (°C)
–50
0
50
75
3028 G18
–25
25
100
125
VSHDN = 20V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
SHDN1 or SHDN2 Pin Input
Current
SHDN1 or SHDN2 Pin Input
Current
ADJ1 or ADJ2 Pin Bias Current
Output 2 Current Limit
Output 2 Current Limit
TEMPERATURE (°C)
–50
100
90
80
70
60
50
40
30
20
10
0
0
50
75
3028 G19
–25
25
100
125
INPUT VOLTAGE (V)
0
2
4
5
3028 G20
1
3
6
7
350
300
250
200
150
100
50
0
VOUT2 = 0V
TJ = 25°C
TEMPERATURE (°C)
–50
0
50
75
3028 G21
–25
25
100
125
350
300
250
200
150
100
50
0
VIN2 = 7V
VOUT2 = 0V
Output 1 Current Limit
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
INPUT VOLTAGE (V)
0
2
4
5
3028 G22
1
3
6
7
VOUT1 = 0V
TJ = 25°C
TEMPERATURE (°C)
–50
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
3028 G23
–25
25
100
125
VIN1 = 7V
VOUT1 = 0V
Output 1 Current Limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com