Electronic Components Datasheet Search
  English  ▼

X  

BAV18 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV18
Description  Small Signal Switching Diodes, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV18 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV18 Datasheet HTML 1Page - Vishay Siliconix BAV18 Datasheet HTML 2Page - Vishay Siliconix BAV18 Datasheet HTML 3Page - Vishay Siliconix BAV18 Datasheet HTML 4Page - Vishay Siliconix BAV18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAV17 / 18 / 19 / 20 / 21
Document Number 85543
Rev. 1.6, 20-Apr-06
Vishay Semiconductors
www.vishay.com
1
94 9367
Small Signal Switching Diodes, High Voltage
Features
• Silicon Epitaxial Planar Diodes
• Lead (Pb)-free component
• Component in accordance to RoHS
2002/95/EC and WEEE 2002/96/EC
Applications
• General purposes
Mechanical Data
Case: DO35 Glass case
Weight: approx. 125 mg
Packaging Codes/Options:
TR / 10 k per 13 " reel (52 mm tape), 50 k/box
TAP / 10 k per Ammopack (52 mm tape), 50 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Ordering code
Remarks
BAV17
VRRM = 25 V, Single Diodes
BAV17-TAP or BAV17-TR
Ammopack / Tape and Reel
BAV18
VRRM = 60 V, Single Diodes
BAV18-TAP or BAV18-TR
Ammopack / Tape and Reel
BAV19
VRRM = 120 V, Single Diodes
BAV19-TAP or BAV19-TR
Ammopack / Tape and Reel
BAV20
VRRM = 200 V, Single Diodes
BAV20-TAP or BAV20-TR
Ammopack / Tape and Reel
BAV21
VRRM = 250 V, Single Diodes
BAV21-TAP or BAV21-TR
Ammopack / Tape and Reel
Parameter
Test condition
Part
Symbol
Value
Unit
Peak reverse voltage
BAV17
VRRM
25
V
BAV18
VRRM
60
V
BAV19
VRRM
120
V
BAV20
VRRM
200
V
BAV21
VRRM
250
V
Reverse voltage
BAV17
VR
20
V
BAV18
VR
50
V
BAV19
VR
100
V
BAV20
VR
150
V
BAV21
VR
200
V
Forward continuous current
IF
250
mA
Peak forward surge current
tp = 1 s, Tj = 25 °C
IFSM
1A
Forward peak current
f = 50 Hz
IFRM
625
mA
Power dissipation
Ptot
500
mW
e2


Similar Part No. - BAV18

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAV18 FAIRCHILD-BAV18 Datasheet
36Kb / 1P
General Purpose Diodes
logo
Diotec Semiconductor
BAV18 DIOTEC-BAV18 Datasheet
169Kb / 2P
Silicon-Planar-Diodes
BAV18 DIOTEC-BAV18 Datasheet
96Kb / 2P
Superfast Switching Si-Planar Diodes
logo
Galaxy Semi-Conductor H...
BAV18 BILIN-BAV18 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BAV18 VISHAY-BAV18 Datasheet
123Kb / 5P
Small Signal Switching Diodes, High Voltage
19-Feb-07
More results

Similar Description - BAV18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAS19-V VISHAY-BAS19-V Datasheet
116Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV19W-V VISHAY-BAV19W-V Datasheet
101Kb / 6P
Small Signal Switching Diodes, High Voltage
22-Jul-05
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
Small Signal Switching Diodes, High Voltage
07-Mar-06
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
Small Signal Switching Diodes, High Voltage
26-Nov-10
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
Small Signal Switching Diodes, High Voltage
02-Aug-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
Small Signal Switching Diodes, High Voltage
12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
Small Signal Switching Diodes, High Voltage
13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
Small Signal Switching Diodes, High Voltage
22-Feb-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com