Electronic Components Datasheet Search
  English  ▼

X  

BAV18 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BAV18
Description  Small Signal Switching Diodes, High Voltage
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV18 Datasheet(HTML) 3 Page - Vishay Siliconix

  BAV18 Datasheet HTML 1Page - Vishay Siliconix BAV18 Datasheet HTML 2Page - Vishay Siliconix BAV18 Datasheet HTML 3Page - Vishay Siliconix BAV18 Datasheet HTML 4Page - Vishay Siliconix BAV18 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAV17 / 18 / 19 / 20 / 21
Document Number 85543
Rev. 1.6, 20-Apr-06
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics
Tamb = 25 °C unless otherwise specified
Package Dimensions in mm (Inches): DO35
Figure 1. Reverse Current vs. Junction Temperature
Figure 2. Forward Current vs. Forward Voltage
040
80
120
160
0.01
0.1
1
10
1000
Tj -Junction Temperature (°C)
200
94 9084
100
Scattering Limit
V
R = VRRM
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9085
Scattering Limit
T
j = 25 °C
Figure 3. Differential Forward Resistance vs. Forward Current
0.1
1
10
1
10
100
1000
I F - Forward Current (mA)
100
94 9089
T
j = 25 °C
94 9366
26 min. [1.024]
3.9 max. [0.154]
26 min. [1.024]
Cathode Identification



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com