Electronic Components Datasheet Search
  English  ▼

X  

KM358 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KM358
Description  Single Supply Dual Operational Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KM358 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KM358 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KM358 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Integrate Circuit
■ Features
● Short Circuit Protected Outputs
● True Differential Input Stage
● Single Supply Operation: 3.0 V to 32 V
● Low Input Bias Currents
● Internally Compensated
● Common Mode Range Extends to Negative Supply
● Single and Split Supply Operation
■ Representative Schematic Diagram
Single Supply Dual Operational Amplifiers
KM358
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Power Supply Voltages
Single Supply
VCC
32
Split Supplies
VCC, VEE
±16
Input Differential Voltage Range *1
VIDR
±32
Vdc
Input Common Mode Voltage Range *2
VICR
-0.3 to 32
Vdc
Output Short Circuit Duration
tSC
Continuous
Junction Temperature
TJ
150
℃
Thermal Resistance, Junction-to-Air
RθJA
238
℃/W
Storage Temperature Range
Tstg
-55 to +125
℃
Operating Ambient Temperature Range
TA
0 to +70
℃
*1 Split Power Supplies.
*2 For supply voltages less than 32 V the absolute maximum input voltage is equal to the supply voltage.
Vdc
SOP08
VEE/Gnd
Inputs A
Inputs B
Output B
Output A
VCC
–
–
+
+
1
2
3
4
8
7
6
5
(Top View)
(One–Half of Circuit Shown)
Output
Bias Circuitry
Common to Both
Amplifiers
VCC
VEE/Gnd
Inputs
Q2
Q3
Q4
Q5
Q26
Q7
Q8
Q6
Q9
Q11
Q10
Q1
2.4 k
Q25
Q22
40 k
Q13
Q14
Q15
Q16
Q19
5.0 pF
Q18
Q17
Q20
Q21
2.0 k
Q24
Q23
Q12
25


Similar Part No. - KM358

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
882Kb / 3P
Single Supply Dual Operational Amplifiers
logo
Multicomp Pro
KM358 MULTICOMP-KM358 Datasheet
473Kb / 3P
Operational Amplifier
29/07/24 V1.0
More results

Similar Description - KM358

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
Single Supply Dual Operational Amplifiers
LM258 KEXIN-LM258 Datasheet
73Kb / 2P
Single Supply Dual Operational Amplifiers
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com