Electronic Components Datasheet Search
  English  ▼

X  

KM358 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KM358
Description  Single Supply Dual Operational Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KM358 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KM358 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KM358 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Integrate Circuit
KM358
■ Electrical Characteristics Ta = 25℃(VCC = 5.0 V, VEE = Gnd, TA = 25℃, unless otherwise noted.)
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
VCC = 5.0 V to 30 V, VIC = 0 V to VCC -1.7V
VO
1.4 V, RS = 0Ω
TA = 25℃
TA = Thigh *5
9.0
TA = Tlow *5
9.0
Average Temperature Coefficient of
Input Offset Voltage
△VIO/△T TA = Thigh to Tlow *5
7.0
μV/℃
5.0
50
150
TA = Thigh to Tlow *5
-45
-250
-50
-500
Average Temperature Coefficient of
Input Offset Current
△VIO/△T TA = Thigh to Tlow*5
10
pA/℃
VCC = 30 V
0
28.3
VCC = 30 V, TA = Thigh to Tlow
0
28
Differential Input Voltage Range
VIDR
VCC
V
RL = 2.0 kΩ VCC = 15 V, For Large VO Swing,
25
100
TA = Thigh to Tlow
15
Channel Separation
CS
1.0 kHz ≤ f ≤ 20 kHz, Input Referenced
-120
dB
Common Mode Rejection
CMR
RS ≤ 10 KΩ
65
70
dB
Power Supply Rejection
PSR
65
100
dB
TA = Thigh to Tlow *5
VCC = 5.0 V, RL = 2.0KΩ TA = 25℃
3.3
3.5
VCC = 30 V, RL = 2.0 KΩ
26
VCC = 30 V, RL = 10 KΩ
27
28
VCC = 5.0 V, RL = 10 KΩ
TA = Thigh to Tlow *5
Output Source Current
IO+
VID = +1.0 V, VCC = 15 V
20
40
mA
VID = -1.0 V, VCC = 15 V
10
20
mA
VID = -1.0 V, VO = 200 mV
12
50
μA
Output Short Circuit to Ground *7
ISC
40
60
mA
TA = Thigh to Tlow *5
VCC = 30 V, VO = 0 V, RL = ∞
1.5
3.0
VCC = 5 V, VO = 0 V, RL = ∞
0.7
1.2
*5 Tlow = 0℃, Thigh = +70℃
*6 The input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 V.
The upper end of the common mode voltage range is VCC -1.7 V.
*7 Short circuits from the output to VCC can cause excessive heating and eventual destruction.
Destructive dissipation can result from simultaneous shorts on all amplifiers.
Input Offset Voltage
VIO
mV
IIO
2.0
7.0
IIB
nA
V/mV
AVOL
VICR
TA = Thigh to Tlow *5
V
Large Signal Open Loop Voltage Gain
Input Offset Current
Input Bias Current
Input Common Mode Voltage Range *6
VOH
Output Voltage-High Limit
Output Voltage-Low Limit
VOL
V
Power Supply Current (Total Device)
ICC
mA
5
20
mV
IO-
Output Sink Current
]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com