Electronic Components Datasheet Search
  English  ▼

X  

LT3464 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3464
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3464 Datasheet(HTML) 2 Page - Linear Technology

  LT3464 Datasheet HTML 1Page - Linear Technology LT3464 Datasheet HTML 2Page - Linear Technology LT3464 Datasheet HTML 3Page - Linear Technology LT3464 Datasheet HTML 4Page - Linear Technology LT3464 Datasheet HTML 5Page - Linear Technology LT3464 Datasheet HTML 6Page - Linear Technology LT3464 Datasheet HTML 7Page - Linear Technology LT3464 Datasheet HTML 8Page - Linear Technology LT3464 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3464
2
3464f
VIN, SHDN, CTRL Voltage ........................................ 10V
OUT, CAP Voltage .................................................... 36V
SW Voltage .............................................................. 36V
FB Voltage ................................................................. 6V
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 140°C/W, θJC = 85°C/W
LT3464ETS8
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
2.0
2.3
V
Quiescent Current
Not Switching
25
36
µA
VSHDN = 0.2V
0.01
0.5
µA
FB Comparator Trip Voltage
VFB Falling, VCTRL = 3.6V
q
1.215
1.250
1.275
V
FB Comparator Hysteresis
10
mV
FB Pin Bias Current
VFB = 1.25V, VCTRL = 3.6V
q
330
nA
FB Voltage Line Regulation
2.3V < VIN < 10V
0.05
0.1
%/V
Switch Off Time
VCAP-VIN = 5V
250
ns
VCAP-VIN = 0V
1.0
µs
Switch Leakage Current
VSW = 36V
0.02
1
µA
Switch VCESAT
ISW = 80mA
190
300
mV
Switch Current Limit
85
115
140
mA
Schottky Forward Voltage
ISCHOTTKY = 110mA
600
750
mV
Schottky Reverse Leakage
VCAP-SW = 36V
1
10
µA
PNP Disconnect VCAP-OUT
IOUT = 200µA
100
mV
IOUT = 10mA
190
mV
PNP Disconnect Q Current
IOUT = 0, VCAP = 36V (Note 3)
1.5
5
µA
PNP Disconnect Leakage
SHDN = 0.2, VCAP = 10V, VOUT = 0V
0.1
5
µA
PNP Disconnect Current Limit
VCAP = 10V, VOUT = 0V
25
45
75
mA
SHDN Pin Current
VSHDN = 3.6V
5
10
µA
SHDN Input Voltage High
2.3
V
SHDN Input Voltage Low
0.2
V
CTRL Pin Bias Current
VCTRL = 0.5V, VFB = 1V
q
680
nA
CTRL to FB Offset
VCTRL = 0.5V (Note 4)
2
7
mV
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3464E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Current consumed by Disconnect PNP when there is no load on
the OUT pin.
Note 4: This figure is computed according to ((VFB falling + VFB rising)/2)
–VCONTROL.
CTRL 1
FB 2
OUT 3
GND 4
8 SHDN
7 VIN
6 SW
5 CAP
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC SOT-23
TS8 PART MARKING
LTG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com