Electronic Components Datasheet Search
  English  ▼

X  

LT3464 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3464
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3464 Datasheet(HTML) 4 Page - Linear Technology

  LT3464 Datasheet HTML 1Page - Linear Technology LT3464 Datasheet HTML 2Page - Linear Technology LT3464 Datasheet HTML 3Page - Linear Technology LT3464 Datasheet HTML 4Page - Linear Technology LT3464 Datasheet HTML 5Page - Linear Technology LT3464 Datasheet HTML 6Page - Linear Technology LT3464 Datasheet HTML 7Page - Linear Technology LT3464 Datasheet HTML 8Page - Linear Technology LT3464 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3464
4
3464f
12
10
8
6
4
2
0
3464 G13
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
1.30
1.28
1.26
1.24
1.22
1.20
3464 G16
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
20
16
12
8
4
0
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
250
200
150
100
50
0
3464 G11
FORWARD VOLTAGE (mV)
200
300
400
500
600
700
800
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3464 G10
800
750
700
650
600
550
500
450
400
350
300
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3464 G12
30
28
26
24
22
20
18
16
14
12
10
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3464 G15
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
3464 G20
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
3464 G14
16
14
12
10
8
6
4
2
0
VOUT (V)
6
70
60
50
40
30
20
10
0
12
16
3464 G18
810
14
18
20
VIN = 5V
FRONT PAGE SCHEMATIC
VCAP – SW = 36V
Schottky Forward Drop
at ID = 110mA
Schottky Forward Voltage
Quiescent Current
TYPICAL PERFOR A CE CHARACTERISTICS
Shutdown Pin Current
VSHDN = 3.6V
Quiescent Current in
Shutdown Mode
SHDN Pin Threshold Voltage
FB Pin Voltage
Quiescent Current in
Regulation with No Load
Schottky Reverse Leakage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com