Electronic Components Datasheet Search
  English  ▼

X  

LT3506 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3506
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3506 Datasheet HTML 16Page - Linear Technology LT3506 Datasheet HTML 17Page - Linear Technology LT3506 Datasheet HTML 18Page - Linear Technology LT3506 Datasheet HTML 19Page - Linear Technology LT3506 Datasheet HTML 20Page - Linear Technology LT3506 Datasheet HTML 21Page - Linear Technology LT3506 Datasheet HTML 22Page - Linear Technology LT3506 Datasheet HTML 23Page - Linear Technology LT3506 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT3506/LT3506A

3506afb
4.00
±0.10
(2 SIDES)
5.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE MADE VARIATION OF VERSION (WJGD-2) IN JEDEC
PACKAGE OUTLINE MO-229
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40
± 0.10
BOTTOM VIEW—EXPOSED PAD
2.44
± 0.10
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
R = 0.20
TYP
4.34
±0.10
(2 SIDES)
1
8
16
9
PIN 1
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DHD16) DFN 0504
0.25
± 0.05
PIN 1
NOTCH
0.50 BSC
4.34
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
2.44
±0.05
(2 SIDES)
3.10
±0.05
0.50 BSC
0.70
±0.05
4.50
±0.05
PACKAGE
OUTLINE
0.25
± 0.05
PAckAge DescRiPtion
DHD Package
16-Lead Plastic DFN (5mm
× 4mm)
(Reference LTC DWG # 05-08-1707)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com