Electronic Components Datasheet Search
  English  ▼

X  

LT3506 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3506
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506 Datasheet(HTML) 5 Page - Linear Technology

  LT3506 Datasheet HTML 1Page - Linear Technology LT3506 Datasheet HTML 2Page - Linear Technology LT3506 Datasheet HTML 3Page - Linear Technology LT3506 Datasheet HTML 4Page - Linear Technology LT3506 Datasheet HTML 5Page - Linear Technology LT3506 Datasheet HTML 6Page - Linear Technology LT3506 Datasheet HTML 7Page - Linear Technology LT3506 Datasheet HTML 8Page - Linear Technology LT3506 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3506/LT3506A

3506afb
TEMPERATURE (
°C)
–50
0
0.5
1.0
1.5
2.0
3.0
–25
0
25
50
3506 G12
75
100 125
2.5
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TEMPERATURE (
°C)
–50
25
75
3506 G13
–25
0
50
100
125
TO SWITCH
TO RUN
IRUN/SS vs Temperature
RUN/SS Thresholds vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
BOOST1 (Pin 1), BOOST2 (Pin 8): The BOOST pins are
used to provide drive voltages, higher than the input
voltage, to the internal bipolar NPN power switches. Tie
through a diode from VOUT or from VIN.
SW1 (Pin 2), SW2 (Pin 7): The SW pins are the outputs
of the internal power switches. Connect these pins to the
inductors, catch diodes and boost capacitors.
VIN1 (Pins 3, 4): The VIN1 pins supply current to the
LT3506’s internal regulator and to the internal power
switch connected to SW1. These pins must be locally
bypassed.
VIN2 (Pins 5, 6): The VIN2 pins supply current to the inter-
nal power switch connected to SW2 and must be locally
bypassed.ConnectthesepinsdirectlytoVIN1unlesspower
for Channel 2 is coming from a different source.
RUN/SS1 (Pin 13), RUN/SS2 (Pin 12): The RUN/SS pins
are used to shut down the individual switching regula-
tors and the internal bias circuits. They also provide a
soft-start function. To shut down either regulator, pull the
RUN/SS pin to ground with an open drain or collector.
Tie a capacitor from these pins to ground to limit switch
current during start-up. If neither feature is used, leave
these pins unconnected.
PG1 (Pin 14), PG2 (Pin 11): The Power Good pins are
the open collector outputs of an internal comparator. PG
remains low until the FB pin is within 10% of the final
regulation voltage. As well as indicating output regulation,
the PG pins can be used to sequence the two switching
regulators. These pins can be left unconnected. The PG
outputs are valid when VIN is greater than 3.4V and either
of the RUN/SS pins is high. The PG comparators are
disabled in shutdown.
VC1 (Pin 15), VC2 (Pin 10): The VC pins are the outputs of
the internal error amps. The voltages on these pins control
the peak switch currents. These pins are normally used
to compensate the control loops, but can also be used to
override the loops. Pull these pins to ground with an open
drain to shut down each switching regulator.
FB1 (Pin 16), FB2 (Pin 9): The LT3506 regulates each
feedback pin to 800mV. Connect the feedback resistor
divider taps to these pins.
Exposed Pad (Pin 17): The Exposed Pad of the package
providesbothelectricalcontacttogroundandgoodthermal
contact to the printed circuit board. The Exposed Pad must
be soldered to the circuit board for proper operation.
PI FU CTIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com