Electronic Components Datasheet Search
  English  ▼

X  

LT3507 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3507
Description  Triple Monolithic Step-Down Regulator with LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3507 Datasheet(HTML) 2 Page - Linear Technology

  LT3507 Datasheet HTML 1Page - Linear Technology LT3507 Datasheet HTML 2Page - Linear Technology LT3507 Datasheet HTML 3Page - Linear Technology LT3507 Datasheet HTML 4Page - Linear Technology LT3507 Datasheet HTML 5Page - Linear Technology LT3507 Datasheet HTML 6Page - Linear Technology LT3507 Datasheet HTML 7Page - Linear Technology LT3507 Datasheet HTML 8Page - Linear Technology LT3507 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3507
2
3507f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Pins...................................................... –0.3V to 36V
BOOST Pins ..............................................................55V
BOOST Above SW.....................................................25V
PGOOD Pins..............................................................36V
BIAS Pin....................................................................16V
TRK/SS, VC, FB, RT/SYNC Pins ...................................6V
RUN, OVLO, UVLO Pins ........................................... VIN1
DRIVE Pin ...................................................................5V
Operating Junction Temperature Range (Notes 2, 5)
LT3507E, LT3507I .............................. –40°C to 125°C
LT3507H ............................................ –40°C to 150°C
Storage Temperature Range................... –65°C to 150°C
(Note 1)
13 14 15 16
TOP VIEW
39
UHF PACKAGE
38-LEAD (5mm × 7mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
BOOST1
VIN1
VIN1
VINSW
OVLO
UVLO
VC1
TRK/SS1
FB1
PGOOD1
PGOOD2
PGOOD3
VIN2
VIN2
SW2
SW2
BOOST2
TRK/SS4
FB4
DRIVE
VC2
FB2
TRK/SS2
FB3
23
22
21
20
9
10
11
12
θJA = 34°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
Internal UVLO on VIN1
l
3.8
4
V
Input Quiescent Current
Not Switching, VBIAS = 3.3V
2
3.5
mA
Bias Quiescent Current
Not Switching, VBIAS = 3.3V
5
7.5
mA
Shutdown Current
VRUN1,2,3 = 0V
1
μA
Reference Voltage Line Regulation
5V < VIN1 < 36V
0.01
%/V
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN1, VIN2, VIN3 = 12V, VBOOST1, VBOOST2, VBOOST3 = 17V, unless
otherwise noted. (Note 2)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3507EUHF#PBF
LT3507IUHF#PBF
LT3507HUHF#PBF
LT3507EUHF#TRPBF
LT3507IUHF#TRPBF
LT3507HUHF#TRPBF
3507
3507
3507
38-Lead (5mm × 7mm) Plastic QFN
38-Lead (5mm × 7mm) Plastic QFN
38-Lead (5mm × 7mm) Plastic QFN
–40°C to 125°C
–40°C to 125°C
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
*For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com