Electronic Components Datasheet Search
  English  ▼

X  

LT3507 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3507
Description  Triple Monolithic Step-Down Regulator with LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3507 Datasheet(HTML) 3 Page - Linear Technology

  LT3507 Datasheet HTML 1Page - Linear Technology LT3507 Datasheet HTML 2Page - Linear Technology LT3507 Datasheet HTML 3Page - Linear Technology LT3507 Datasheet HTML 4Page - Linear Technology LT3507 Datasheet HTML 5Page - Linear Technology LT3507 Datasheet HTML 6Page - Linear Technology LT3507 Datasheet HTML 7Page - Linear Technology LT3507 Datasheet HTML 8Page - Linear Technology LT3507 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LT3507
3
3507f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN1, VIN2, VIN3 = 12V, VBOOST1, VBOOST2, VBOOST3 = 17V, unless
otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VC Source Current
VC = 0.6V
100
μA
VC Sink Current
VC = 0.6V
100
μA
VC Clamp Voltage
1.7
V
Switching Frequency
RT = 40.2k
l
0.9
1.1
MHz
Switching Phase
SW1 to SW2,3, RT = 40.2k
180
Deg
Foldback Frequency
VFB = 0V, RT = 40.2k
120
kHz
Frequency Shift Threshold on FB
0.4
V
RUN Threshold
1
1.5
V
PGOOD Output Voltage Low
IPGOOD = 200μA
0.2
0.4
V
PGOOD Pin Leakage
VPGOOD = 2V
10
400
nA
PGOOD Threshold Offset
VFB Rising
58
80
105
mV
Feedback Pin Voltage
l
788
800
812
mV
Feedback Pin Bias Current
l
–50
–500
nA
Error Amplifier Transconductance
330
μS
Error Amplifier Voltage Gain
500
V/V
VC Switching Threshold
0.9
V
Switch Leakage Current
0.01
10
μA
Minimum Boost Voltage Above Switch (Note 4)
1.8
2.5
V
Converter 1
VC1 to Switch Current Gain
5A/V
Switch 1 Current Limit (Note 3)
Duty Cycle = 15%
l
3
4.3
6
A
Switch 1 VCESAT
ISW1 = 2A
400
600
mV
BOOST1 Operating Current
ISW1 = 2A
40
60
mA
Converter 2
VC2 to Switch Current Gain
3.6
A/V
Switch 2 Current Limit (Note 3)
Duty Cycle = 15%
l
2
2.9
4
A
Switch 2 VCESAT
ISW2 = 1.5A
350
500
mV
BOOST2 Operating Current
ISW2 = 1.5A
40
60
mA
Converter 3
VC3 to Switch Current Gain
3.6
A/V
Switch 3 Current Limit (Note 3)
Duty Cycle = 15%
l
2
2.9
4
A
Switch 3 VCESAT
ISW3 = 1.5A
350
500
mV
BOOST3 Operating Current
ISW3 = 1.5A
40
60
mA
LDO Regulator
Feedback Pin Voltage
l
788
800
812
mV
Feedback Pin Bias Current
–150
–500
nA
Error Amplifier Voltage Gain
1100
V/V
Line Regulation
VIN from 5V to 36V
0.05
%/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com