Electronic Components Datasheet Search
  English  ▼

X  

BF995 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BF995
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF995 Datasheet(HTML) 3 Page - Vishay Siliconix

  BF995 Datasheet HTML 1Page - Vishay Siliconix BF995 Datasheet HTML 2Page - Vishay Siliconix BF995 Datasheet HTML 3Page - Vishay Siliconix BF995 Datasheet HTML 4Page - Vishay Siliconix BF995 Datasheet HTML 5Page - Vishay Siliconix BF995 Datasheet HTML 6Page - Vishay Siliconix BF995 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BF995
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
3 (7)
Document Number 85009
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
50
100
150
200
250
300
0
20
40
60
80
100 120 140 160
Tamb – Ambient Temperature ( °C )
96 12159
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
2
4
6
8
10
12
14
16
18
20
22
0
2
4
6
8 10 12 14 16 18 20 22 24
VDS – Drain Source Voltage ( V )
96 12160
VG1S= 0.6V
0.4V
0.2V
0
–0.2V
–0.4V
–0.6V
–0.8V
Figure 2. Drain Current vs. Drain Source Voltage
0
2
4
6
8
10
12
14
16
18
20
22
24
–2
–1
0123456
VG2S – Gate 2 Source Voltage ( V )
96 12161
VDS=15V
IDS=10mA
VG1S=0.5V
0V
–0.5V
Figure 3. Forward Transadmittance vs.
Gate 2 Source Voltage
0
2
4
6
8
10
12
14
16
18
20
22
–2.0–1.5–1.0–0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
VG1S – Gate 1 Source Voltage ( V )
96 12162
VDS=15V
f=1MHz
VG2S=5V
4V
3V
2V
1V
0V
Figure 4. Forward Transadmittance vs.
Gate 1 Source Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–2.0 –1.5 –1.0 –0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0
VG1S – Gate 1 Source Voltage ( V )
96 12163
VDS=15V
VG2S=4V
f=1MHz
Figure 5. Gate 1 Input Capacitance vs.
Gate 1 Source Voltage
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
–2
–1
012
34567
VG2S – Gate 2 Source Voltage ( V )
96 12164
VDS=15V
VG1S=0
f=1MHz
Figure 6. Gate 2 Input Capacitance vs.
Gate 2 Source Voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com