Electronic Components Datasheet Search
  English  ▼

X  

BF995 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BF995
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF995 Datasheet(HTML) 4 Page - Vishay Siliconix

  BF995 Datasheet HTML 1Page - Vishay Siliconix BF995 Datasheet HTML 2Page - Vishay Siliconix BF995 Datasheet HTML 3Page - Vishay Siliconix BF995 Datasheet HTML 4Page - Vishay Siliconix BF995 Datasheet HTML 5Page - Vishay Siliconix BF995 Datasheet HTML 6Page - Vishay Siliconix BF995 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BF995
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
4 (7)
Document Number 85009
0
0.5
1.0
1.5
2.0
2.5
3.0
0
2
4
6
8
1012 1416 1820 22
VDS – Drain Source Voltage ( V )
96 12165
VG2S=4V
f=1MHz
Figure 7. Output Capacitance vs. Drain Source Voltage
0
2
4
6
8
10
12
14
16
18
0
123
456
789
10
Re (y11) ( mS )
96 12166
VDS=15V
VG2S=4V
ID=5...20mA
f=50...700MHz
f=700MHz
600MHz
500MHz
400MHz
300MHz
200MHz
100MHz
Figure 8. Short Circuit Input Admittance
–30
–25
–20
–15
–10
–5
0
5
10
0 2468 10 12 14 16 18 20 22 24 26 28
Re (y21) ( mS )
96 12167
VDS=15V
VG2S=4V
f=50...700MHz
f=50MHz
600MHz
500MHz
400MHz
300MHz
200MHz
100MHz
700MHz
ID=5mA
10mA
20mA
Figure 9. Short Circuit Forward Transfer Admittance
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Re (y22) ( mS )
96 12168
VDS=15V
VG2S=4V
ID=5...20mA
f=50...700MHz
f=700MHz
600MHz
500MHz
400MHz
300MHz
200MHz
100MHz
ID=5mA
ID=20mA
Figure 10. Short Circuit Output Admittance



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com