Electronic Components Datasheet Search
  English  ▼

X  

LT3505 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3505
Description  1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3505 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3505 Datasheet HTML 16Page - Linear Technology LT3505 Datasheet HTML 17Page - Linear Technology LT3505 Datasheet HTML 18Page - Linear Technology LT3505 Datasheet HTML 19Page - Linear Technology LT3505 Datasheet HTML 20Page - Linear Technology LT3505 Datasheet HTML 21Page - Linear Technology LT3505 Datasheet HTML 22Page - Linear Technology LT3505 Datasheet HTML 23Page - Linear Technology LT3505 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT3505
22
3505fc
750kHz, 3.3V Step-Down Converter
VIN
4.2V TO 36V
ON OFF
0.1
µF 10µH
36.5k
10
µF
3505 TA04
68pF
1
µF
11.3k
VOUT
3.3V
1.1A, VIN > 5V
1.2A, VIN > 8V
1N4148
MBRM140
70pF
69.8k
BOOST
FB
VC
SW
75.0k
VIN
SHDN
RT
GND
LT3505
1MHz, 12V Step-Down Converter
VIN
13.5V TO 36V
ON OFF
0.1
µF
15
µH
1k*
0.25W
CMDZ5235B
6V
1N4148
71.5k
10
µF
3505 TA05
22pF
22pF
3.3
µF
54.9k
4.99k
VOUT
12V
1A, VIN > 16.5V
1.1A, VIN > 20.5V
100k
MBRM140
*FOR CONTINUOUS OPERATION ABOVE 30V,
USE TWO 2k, 0.25W RESISTORS IN PARALLEL
BOOST
GND
FB
VC
SW
LT3505
VIN
SHDN
RT
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com