Electronic Components Datasheet Search
  English  ▼

X  

LT3505 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3505
Description  1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3505 Datasheet(HTML) 3 Page - Linear Technology

  LT3505 Datasheet HTML 1Page - Linear Technology LT3505 Datasheet HTML 2Page - Linear Technology LT3505 Datasheet HTML 3Page - Linear Technology LT3505 Datasheet HTML 4Page - Linear Technology LT3505 Datasheet HTML 5Page - Linear Technology LT3505 Datasheet HTML 6Page - Linear Technology LT3505 Datasheet HTML 7Page - Linear Technology LT3505 Datasheet HTML 8Page - Linear Technology LT3505 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3505
3
3505fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3505E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LT3505I specifications are
guaranteed over the –40°C to 125°C temperature range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Range
3.6
36
V
Undervoltage Lockout
3.1
3.35
3.6
V
Feedback Voltage
"
765
780
795
mV
FB Pin Bias Current
VFB = Measured VREF (Note 4)
"
55
150
nA
Quiescent Current
Not Switching, RT = 75.0k
2.0
2.7
mA
Quiescent Current in Shutdown
VSHDN = 0V
0.01
2
µA
Reference Line Regulation
VIN = 5V to 36V
0.007
%/V
Switching Frequency
VFB = 0.7V, RT = 13.7k
VFB = 0.7V, RT = 75.0k
VFB = 0.7V, RT = 357k
2.70
675
180
3.01
750
200
3.30
825
220
MHz
kHz
kHz
Maximum Duty Cycle
RT = 75.0k
"
90
94
%
Error Amp Transconductance
VFB = 0.78V
200
µA/V
Error Amp Voltage Gain
VFB = 0.78V
400
V/V
VC Source Current
VFB = 0V, VC = 1.5V
10
µA
VC Sink Current
VFB = 1V, VC = 1.5V
14
µA
VC Switching Threshold Voltage
IOUT = 0mA
0.9
V
VC Clamp Voltage
VFB = 0V
1.7
V
RT Bias Voltage
VFB = 0.6V
VFB = 0V, RT = 75.0k
0.5
50
V
mV
Switch Current Limit
(Note 3)
1.4
1.75
2.2
A
Switch VCESAT
ISW = 1A
350
mV
Switch Leakage Current
0.1
2
µA
Minimum Boost Voltage Above Switch
ISW = 1A
1.6
2.2
V
BOOST Pin Current
ISW = 1A
24
50
mA
SHDN Input Voltage High
2.3
V
SHDN Input Voltage Low
0.3
V
SHDN Bias Current
VSHDN = 2.3V (Note 5)
VSHDN = 0V
6
0.01
20
0.1
µA
µA
ELECTRICAL CHARACTERISTICS The
"
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, VBOOST = 17V, unless otherwise noted. (Note 2).
Note 3: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycle.
Note 4: Current flows out of pin.
Note 5: Current flows into pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com