Electronic Components Datasheet Search
  English  ▼

X  

LT3580 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3580
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3580 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3580 Datasheet HTML 3Page - Linear Technology LT3580 Datasheet HTML 4Page - Linear Technology LT3580 Datasheet HTML 5Page - Linear Technology LT3580 Datasheet HTML 6Page - Linear Technology LT3580 Datasheet HTML 7Page - Linear Technology LT3580 Datasheet HTML 8Page - Linear Technology LT3580 Datasheet HTML 9Page - Linear Technology LT3580 Datasheet HTML 10Page - Linear Technology LT3580 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT3580
7
3580fc
OPERATION
The LT3580 uses a constant-frequency, current mode
control scheme to provide excellent line and load regula-
tion. Refer to the Block Diagram which shows the LT3580
in a boost configuration. At the start of each oscillator
cycle, the SR latch (SR1) is set, which turns on the power
switch, Q1. The switch current flows through the internal
current sense resistor generating a voltage proportional
to the switch current. This voltage (amplified by A4) is
added to a stabilizing ramp and the resulting sum is fed
into the positive terminal of the PWM comparator A3.
When this voltage exceeds the level at the negative input
of A3, the SR latch is reset, turning off the power switch.
The level at the negative input of A3 (VC pin) is set by the
error amplifier A1 (or A2) and is simply an amplified ver-
sion of the difference between the feedback voltage (FB
pin) and the reference voltage (1.215V or 5mV depending
on the configuration). In this manner, the error amplifier
sets the correct peak current level to keep the output in
regulation.
The LT3580 has a novel FB pin architecture that can be
used for either boost or inverting configurations. When
configured as a boost converter, the FB pin is pulled up
to the internal bias voltage of 1.215V by the RFB resistor
connected from VOUT to FB. Comparator A2 becomes
inactive and comparator A1 performs the inverting ampli-
fication from FB to VC. When the LT3580 is in an inverting
configuration, the FB pin is pulled down to 5mV by the
RFB resistor connected from VOUT to FB. Comparator
A1 becomes inactive and comparator A2 performs the
noninverting amplification from FB to VC.
SEPIC Topology
The LT3580 can be configured as a SEPIC (single-ended
primary inductance converter). This topology allows for
the input to be higher, equal, or lower then the desired
output voltage. Output disconnect is inherently built into
the SEPIC topology, meaning no DC path exists between
the input and output. This is useful for applications requir-
ing the output to be disconnected from the input source
when the circuit is in shutdown.
Inverting Topology
The LT3580 can also work in a dual inductor inverting
topology. The part’s unique feedback pin allows for the
inverting topology to be built by simply changing the
connection of external components. This solution results
in very low output voltage ripple due to inductor L2 in
series with the output. Abrupt changes in output capacitor
current are eliminated because the output inductor deliv-
ers current to the output during both the off-time and the
on-time of the LT3580 switch.
Figure 1. SEPIC Topology Allows for the Input to Span
the Output Voltage. Coupled or uncoupled inductors
can be used. Follow noted phasing if coupled.
Figure 2. Dual Inductor Inverting Topology Results in
Low Output Ripple. Coupled or uncoupled inductors
can be used. Follow noted phasing if coupled.
D1
SHUTDOWN
L2
C3
L1
R1
VIN > VOUT
OR
VIN = VOUT
OR
VIN < VOUT
VOUT
VIN
SW
3580 F01
LT3580
RT
RC
C2
SHDN
GND
FB
VC
SYNC
SS
RT
CC
CSS
C1
+
+
•
•
D1
SHUTDOWN
C3
L1
R1
VIN
VOUT
VIN
SW
3580 F02
LT3580
RT
RC
C2
SHDN
GND
FB
VC
SYNC
SS
RT
CC
CSS
C1
L2
+
+
••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com