Electronic Components Datasheet Search
  English  ▼

X  

LT3740 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3740
Description  Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3740 Datasheet(HTML) 2 Page - Linear Technology

  LT3740 Datasheet HTML 1Page - Linear Technology LT3740 Datasheet HTML 2Page - Linear Technology LT3740 Datasheet HTML 3Page - Linear Technology LT3740 Datasheet HTML 4Page - Linear Technology LT3740 Datasheet HTML 5Page - Linear Technology LT3740 Datasheet HTML 6Page - Linear Technology LT3740 Datasheet HTML 7Page - Linear Technology LT3740 Datasheet HTML 8Page - Linear Technology LT3740 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3740
2
3740fc
ABSOLUTE MAXIMUM RATINGS
SN–, BGATE, VC, FB, XREF, PGOOD Voltages .............10V
VIN, SHDN, SW, Range Voltages ...............................22V
BIAS, TGATE, BGDP, SN+ Voltages ............................32V
SWB Voltage ............................................................36V
Maximum Junction Temperature........................... 125°C
Operating Temperature Range (Note 2)....–40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
(Note 1)
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 5V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operation Voltage
●
2.2
V
Maximum Operation Voltage
●
22
V
Input Supply Current
SHDN = 0V
SHDN = 5V, BIAS = 14V, FB = 1.5V
0.6
2.5
μA
mA
Feedback Reference Voltage
XREF=1V
●
794
800
808
mV
Feedback Voltage Line Regulation
VIN = 2.5V to 22V
0.006
%
FB Pin Input Current
FB = 800mV
230
nA
Error Amplifier Transconductance
VC = 1.2V
380
μS
Controller Switching Frequency
●
260
300
330
kHz
Minimum BGATE On Time (Note 3)
500
700
ns
Current Limit
RANGE = 0V
RANGE = Open
RANGE = VIN
25
55
80
50
80
105
85
115
140
mV
mV
mV
Reverse Current Limit
35
mV
PIN CONFIGURATION
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
VC
FB
XREF
SHDN
PGOOD
RANGE
VIN
SWB
SN
–
PGND
BGATE
BGDP
SN
+
SW
TGATE
BIAS
TOP VIEW
DHC PACKAGE
16-LEAD (5mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PAD IS GND (PIN 17), MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3740EDHC#PBF
LT3740EDHC#TRPBF
3740
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3740EDHC
LT3740EDHC#TR
3740
16-Lead (5mm
× 3mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com