Electronic Components Datasheet Search
  English  ▼

X  

LT3740 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3740
Description  Wide Operating Range, Valley Mode, No RSENSE??Synchronous Step-Down Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3740 Datasheet(HTML) 3 Page - Linear Technology

  LT3740 Datasheet HTML 1Page - Linear Technology LT3740 Datasheet HTML 2Page - Linear Technology LT3740 Datasheet HTML 3Page - Linear Technology LT3740 Datasheet HTML 4Page - Linear Technology LT3740 Datasheet HTML 5Page - Linear Technology LT3740 Datasheet HTML 6Page - Linear Technology LT3740 Datasheet HTML 7Page - Linear Technology LT3740 Datasheet HTML 8Page - Linear Technology LT3740 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3740
3
3740fc
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 5V unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SHDN Voltage to Enable Device
●
1.1
V
SHDN Voltage to Disable Device
●
0.5
V
TGATE On Voltage
5.5
V
TGATE Off Voltage
0.2
V
BGATE On Voltage
5.5
V
BGATE Off Voltage
0.2
V
TGATE Rise Time
CLOAD = 3300pF
30
ns
TGATE Fall Time
CLOAD = 3300pF
30
ns
BGATE Rise Time
CLOAD = 3300pF
50
ns
BGATE Fall Time
CLOAD = 3300pF
50
ns
PGOOD Threshold
●
720
740
765
mV
PGOOD Low Voltage
IPGOOD = 100μA
●
0.2
V
PGOOD Current Capacity
500
μA
Internal Boost Switching Frequency
0.8
1
1.2
MHz
Internal Boost Switch Current Limit
360
440
520
mA
(BIAS – VIN) in Operation
7.8
V
(BIAS – VIN) to Start Controller
7.2
V
Note 2: The LT3740E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: The minimum off time of the LT3740 application consists of the
minimum BGATE on time, the delay from TGATE OFF to BGATE ON (80ns)
and the delay from BGATE OFF to TGATE ON (80ns).
TYPICAL PERFORMANCE CHARACTERISTICS
Transient Response
Transient Response
Shutdown Pin Start-Up
(TA = 25°C, unless otherwise noted)
LOAD STEP 0A TO 10A
VIN = 10V, VOUT = 2.5V
FIGURE 4 CIRCUIT
VOUT
50mV/DIV
IL
5A/DIV
3740 G01
20μs/DIV
LOAD STEP 0A TO 10A
VIN = 5V, VOUT = 1.8V
PAGE 17 CIRCUIT
VOUT
50mV/DIV
IL
5A/DIV
3740 G02
10μs/DIV
3740 G03
VIN = 10V, VOUT = 2.5V
ILOAD = 3A
SHDN
2V/DIV
VO
2V/DIV
IL
2A/DIV
2ms/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com