Electronic Components Datasheet Search
  English  ▼

X  

LT3751EUFD Datasheet(PDF) 10 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 6Page - Linear Technology LT3751EUFD Datasheet HTML 7Page - Linear Technology LT3751EUFD Datasheet HTML 8Page - Linear Technology LT3751EUFD Datasheet HTML 9Page - Linear Technology LT3751EUFD Datasheet HTML 10Page - Linear Technology LT3751EUFD Datasheet HTML 11Page - Linear Technology LT3751EUFD Datasheet HTML 12Page - Linear Technology LT3751EUFD Datasheet HTML 13Page - Linear Technology LT3751EUFD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3751
10
3751f
OPERATION
The LT3751 can be used as either a fast, efficient high voltage
capacitor charger controller or as a high voltage, low noise
voltage regulator. The FB pin voltage determines one of the
three primary modes: charge mode, low noise regulation,
or overvoltage Burst Mode® Operation (see Figure 1).
Figure 1. FB Pin Modes
CHARGE MODE
When the FB pin voltage is below 1.16V, the LT3751 acts
as a rapid capacitor charger. The charging operation has
four basic states for charge mode steady-state operation
(see Figure 2).
1. Start-Up
The first switching cycle is initiated approximately 2μs
after the CHARGE pin is raised high. During this phase,
the start-up one-shot enables the master latch turning
on the external NMOS and beginning the first switching
cycle. After start-up, the master latch will remain in the
switching-enable state until the target output voltage is
reached or a fault condition occurs.
The LT3751 utilizes circuitry to protect against transformer
primary current entering a runaway condition and remains
in start-up mode until the DCM comparator has enough
headroom. Refer to the Start-Up Protection section for
more detail.
2. Primary Side Charging
When the NMOS switch latch is set, and depending on the
use of LVGATE, the gate driver rapidly charges the gate
pin to VCC – 2V in high voltage applications or directly to
VCC in low voltage applications (refer to the Application
FB PIN
VOLTAGE
3751 F01
OVERVOLTAGE
REGULATION
CHARGE
MODE
1.34V
1.16V
0.0V
Figure 2. Idealized Charging Waveforms
VTRANS – VDS(ON)
LPRI
VTRANS – VDS(ON)
–N (VTRANS – VDS(ON))
VOUT + VDIODE
VOUT + VDIODE
LSEC
IPK
IPK
N
–(VOUT + VDIODE)
N
ILPRI
ILSEC
VPRI
VSEC
VDRAIN
VOUT + VDIODE
N
VTRANS +
VTRANS
VDS(ON)
3751 F02
VDS(ON)
1.
PRIMARY-SIDE
CHARGING
2.
SECONDARY
ENERGY TRANSFER
AND OUTPUT
DETECTION
3.
DISCONTINUOUS
MODE
DETECTION
Burst Mode is a registered trademark of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com