Electronic Components Datasheet Search
  English  ▼

X  

LT3751EUFD Datasheet(PDF) 16 Page - Linear Technology

Part # LT3751EUFD
Description  Capacitor Charger Controller with Regulation
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3751EUFD Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3751EUFD Datasheet HTML 12Page - Linear Technology LT3751EUFD Datasheet HTML 13Page - Linear Technology LT3751EUFD Datasheet HTML 14Page - Linear Technology LT3751EUFD Datasheet HTML 15Page - Linear Technology LT3751EUFD Datasheet HTML 16Page - Linear Technology LT3751EUFD Datasheet HTML 17Page - Linear Technology LT3751EUFD Datasheet HTML 18Page - Linear Technology LT3751EUFD Datasheet HTML 19Page - Linear Technology LT3751EUFD Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT3751
16
3751f
APPLICATIONS INFORMATION
The total propagation delay, td,isthesecondmostdominant
factor that affects efficiency and is the summation of gate
driver on-off propagation delays and the discharge time
associated with the secondary winding capacitance. There
are two effective methods to reduce the total propagation
delay. First, reduce the total capacitance on the secondary
winding, most notably the diode capacitance. Second,
reduce the total required NMOS gate charge. Figure 8
shows the effect of large secondary capacitance.
The energy stored in the secondary winding capacitance
is ½ • CSEC • VOUT2. This energy is reflected to the primary
when the diode stops forward conduction. If the reflected
capacitance is greater than the total NMOS drain capaci-
tance, the drain of the NMOS power switch goes negative
and its intrinsic body diode conducts. It takes some time
for this energy to be dissipated and thus adds to the total
propagation delay.
Choosing Regulator Maximum IPK
The IPK parameter in regulation mode is calculated based
on the desired maximum output power instead of charge
time like that in a capacitor charger application.
IPK = 2•
POUT(AVG)
Efficiency
•
1
VTRANS
+
N
VOUT
⎛
⎝⎜
⎞
⎠⎟
Note that the LT3751 regulation scheme varies the peak
current based on the output load current. The maximum
IPK is only reached during charge mode or during heavy
load conditions where output power is maximized.
Transformer Design
The transformer’s primary inductance, LPRI, is determined
by the desired VOUT and previously calculated N and IPK
parameters. Use the following equation to select LPRI:
LPRI =
3
μs• VOUT
IPK •N
The previous equation guarantees that the VOUTcomparator
has enough time to sense the flyback waveform and trip
the DONE pin latch. Operating VOUT significantly higher
then that used to calculate LPRI could result in a runaway
condition and overcharge the output capacitor.
The LPRI equation is adequate for most regulator applica-
tions. Note that if both IPK and N are increased significantly
for a given VTRANS and VOUT, the maximum IPK will not be
reached within the refresh clock period. This will result in
a lower than expect maximum output power. To prevent
this from occurring, maintain the condition in the follow-
ing equation.
LPRI <
38
μs
IPK •
1
VTRANS
+
N
VOUT
⎡
⎣
⎢
⎤
⎦
⎥
The upper constraint on LPRI can be reduced by increas-
ing VTRANS and starting the design process over. The best
regulation occurs when operating the boundary-mode
frequency above 100kHz (refer to Operation section for
boundary-mode definition).
Figure 8. Effect of Secondary Winding Capacitance
VDRAIN
3751 F08
ISEC
IPRI
NO SEC.
CAPACITANCE
SEC. DISCHARGE
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com