Electronic Components Datasheet Search
  English  ▼

X  

LT3781 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3781
Description  ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3781 Datasheet(HTML) 1 Page - Linear Technology

  LT3781 Datasheet HTML 1Page - Linear Technology LT3781 Datasheet HTML 2Page - Linear Technology LT3781 Datasheet HTML 3Page - Linear Technology LT3781 Datasheet HTML 4Page - Linear Technology LT3781 Datasheet HTML 5Page - Linear Technology LT3781 Datasheet HTML 6Page - Linear Technology LT3781 Datasheet HTML 7Page - Linear Technology LT3781 Datasheet HTML 8Page - Linear Technology LT3781 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT3781
3781f
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
VCC
13
2
1
5
1
µF
150pF
OVLO
SHDN
73.2k
1%
20k
10k
270k
0.25W
68
µF
20V
5VREF
6
FSET
4.7nF
8
SS
10
14
BAT54
ZVN3310F
9
VC
PGND
VFB
37
4
THERM
LT3781
SYNC SGND
52.3k
100
Ω
1k
1%
100
Ω
2k
FZT690
4.7
µF
16V
0.22
µF
50V
CMPZ5242B
12V
3.3k
6.8k
10k
0.01
µF
12
SG
+
0.1
µF
11
SENSE
15
BG
18
BSTREF
19
TG
20
BAS21
0.1
µF
100V
VBST
C4
1.5
µF
100V
C3
1.5
µF
100V
L1
4.7
µH
R9
0.025
Ω
1/2W
Q3
1nF
100V
1nF
100V
Q5
Q6
MURS120T3
MURS120T3
Q1
T1
VIN
+
VIN
–
C2
22
µF
100V
VOUT
+
VOUT
–
C5
330
µF
10V
10
Ω
0.25W
10
Ω
0.25W
L2
4.7
µH
330pF
+
1.24k
1%
VCC1
IN2
IN1
GND2
VCC2
OUT2
OUT1
GND1
8
3
1
4
6
5
7
2
LTC1693-2
1OV
BIAS
1OV
BIAS
VOUT = 5V
IOUT = 7A
MBR-
0540T1
MMBD914LT1
5V
OUT
3.01k
1%
51
Ω
0.047
µF
6
7
5
8
4
9
1
2
3
10
11
12
1nF
4.7
Ω
+
C2:SANYO 100MV22AX
C3, C4: VITRAMON VJ1825Y155MXB
C5: 4X KEMET T510X337KO10AS
L1: COILCRAFT DO1608C-472
L2: PANASONIC ETQP6F4R1LF4
Q1,Q3:100V SILICONIX SUD40N10-25
Q5,Q6: SILICONIX Si4450
T1:COILTRONICS VP5-1200
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
High Voltage Operation up to 72V
s
Synchronizable Operating Frequency and Output
Switch Phase for Multiple Controller Systems
s
Synchronous Switch Output
s
Undervoltage Lockout Protection with 6V Hysteresis
for Self-Biased Power
s
Fixed Frequency Operation to 350kHz
s
Local
±1% Voltage Reference
s
Input Overvoltage Protection
s
Low Start-Up Current
s
Programmable Start Inhibit for Power Supply
Sequencing and Protection
s
Optocoupler Support
s
Soft-Start Control
“Bootstrap” Start Dual
Transistor Synchronous Forward Controller
36V-72V to 5V/7A DC/DC
Synchronous Forward Converter (Quarter-Brick Footprint)
s
Isolated Telecommunication Systems
s
Personal Computers and Peripherals
s
Distributed Power Step-Down Converters
s
Lead Acid Battery Backup Systems
s
Automotive and Heavy Equipment
The LT
®3781 controller simplifies the design of high
power synchronous dual transistor forward DC/DC con-
verters. The part employs fixed frequency current mode
control and supports both isolated and nonisolated to-
pologies. The IC drives external N-channel power MOSFETs
and operates with input voltages up to 72V.
The LT3781 is ideal for output derived power schemes,
through the use of a large undervoltage lockout hysteresis
range. The part is also equipped with an 18V VCC shunt
regulator, which prevents exceeding absolute maximum
ratings while in trickle start applications.
The LT3781’s operating frequency is programmable and
can be synchronized up to 350kHz. Switch phase is also
controlled during synchronized operation to accommo-
date multiple-converter systems. Internal logic guaran-
tees 50% maximum duty cycle operation to prevent trans-
former saturation.
The LT3781 is available in a 20-lead SSOP package.


Similar Part No. - LT3781

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3781 LINER-LT3781 Datasheet
267Kb / 20P
Bootstrap Start Dual Transistor Synchronous Forward Controller
LT3781EG LINER-LT3781EG Datasheet
267Kb / 20P
Bootstrap Start Dual Transistor Synchronous Forward Controller
LT3781IG LINER-LT3781IG Datasheet
267Kb / 20P
Bootstrap Start Dual Transistor Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
Transistor Synchronous Forward Controller
More results

Similar Description - LT3781

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1681 LINER-LT1681 Datasheet
308Kb / 20P
Dual Transistor Synchronous Forward Controller
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
Single Switch Synchronous Forward Controller
LT3781 LINER-LT3781 Datasheet
267Kb / 20P
Bootstrap Start Dual Transistor Synchronous Forward Controller
logo
Semtech Corporation
SC416 SEMTECH-SC416 Datasheet
1Mb / 34P
Dual Synchronous Buck Controller with Tracking Start-up/Shutdown
logo
Linear Technology
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
Secondary-Side Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
Transistor Synchronous Forward Controller
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
Dual Transistor Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
Single Switch Synchronous Forward Controller
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
Active Clamp Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com