Electronic Components Datasheet Search
  English  ▼

X  

LT3781 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3781
Description  ?쏝ootstrap??Start Dual Transistor Synchronous Forward Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3781 Datasheet(HTML) 2 Page - Linear Technology

  LT3781 Datasheet HTML 1Page - Linear Technology LT3781 Datasheet HTML 2Page - Linear Technology LT3781 Datasheet HTML 3Page - Linear Technology LT3781 Datasheet HTML 4Page - Linear Technology LT3781 Datasheet HTML 5Page - Linear Technology LT3781 Datasheet HTML 6Page - Linear Technology LT3781 Datasheet HTML 7Page - Linear Technology LT3781 Datasheet HTML 8Page - Linear Technology LT3781 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT3781
3781f
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = VBST = 12V, VBSTREF = 0V, VVC = 2V, VFB = VREF = 1.25V, CTG = CBG = CSG = 1000pF.
ELECTRICAL CHARACTERISTICS
Power Supply (VCC)
Low Impedance Source Voltage ............. –0.3V to 20V
Shutdown Mode:
(Supply Self-Regulates to 18V)
Maximum Input Current ............................... 20mA
Topside Supply (VBST) ....................................................
VBSTREF – 0.3V to VBSTREF +20V (VBST(MAX) = 90V)
Topside Reference Pin (VBSTREF) ............... –0.6V to 75V
SHDN Pin Voltage ........................... –0.3V to VCC + 0.3V
All Other Input Voltages .............. –0.3V to 5VREF + 0.3V
5VREF Pin Sink Current ......................................... 10mA
FSET Pin Current ...................................... –2mA to 5mA
All Other Input Pin Currents ...................... –2mA to 2mA
Operating Ambient
Temperature Range (Note 4) ...............–40
°C to 85°C
Operating Junction
Temperature Range ...............................–40
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 90°C/W
LT3781EG
LT3781IG
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
5
6
7
8
9
10
TOP VIEW
G PACKAGE
20-LEAD PLASTIC SSOP
20
19
18
17
16
15
14
13
12
11
SHDN
OVLO
THERM
SGND
5VREF
FSET
SYNC
SS
VFB
VC
VBST
TG
BSTREF
NC
NC
BG
PWRGND
VCC
SG
SENSE
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply and Protection
VCCUVLO
Undervoltage Lockout Threshold
Falling Edge
q
8.0
8.4
8.6
V
Rising Edge
q
13
14.5
16
V
VCCSHDN
Shutdown Mode Shunt Regulator
100
µA < IVCC ≤ 10mA
q
16.5
18
19.9
V
ICC
DC Active Supply Current
(Note 2)
17
22
mA
q
25
mA
DC Active UVLO Supply Current
VSHDN = 1.35V, VCC = 8V
q
800
1200
µA
DC Standby Supply Current
VSHDN < 0.3V
q
16
30
µA
VBST
DC Active Supply Current
TG Logic High (Note 2)
q
5.0
8.5
mA
DC Standby Supply Current
VSHDN < 0.3V
0.1
µA
VSHDN
Shutdown Rising Threshold
q
1.15
1.25
1.35
V
Shutdown Threshold Hysteresis
100
150
200
mV
ISS
Soft-Start Charge Current
VSS = 2V
q
–14
– 10
– 6
µA
VSS
Soft-Start Reset Threshold
225
mV
VBSTUVLO Boost Undervoltage Lockout
Falling Edge
q
5.7
6.4
7.1
V
(VBST-BSTREF)
Rising Edge
q
6.5
7.0
7.5
V
Boost UVLO Hysteresis
q
0.3
0.6
V
5V External Reference
V5VREF
5V Reference Voltage
0
≤ (I5VREF – IVC) < 20mA
4.85
5.0
5.10
V
q
4.80
5.15
V
I5VREFSC
Short-Circuit Current
Source, IVC = 0
q
20
45
mA
R5VREF
Output Impedance
0
≤ (I5VREF – IVC) < 20mA
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com