Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100 Datasheet(PDF) 18 Page - Actel Corporation

Part # EX128-CS100
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100 Datasheet(HTML) 18 Page - Actel Corporation

Back Button EX128-CS100 Datasheet HTML 14Page - Actel Corporation EX128-CS100 Datasheet HTML 15Page - Actel Corporation EX128-CS100 Datasheet HTML 16Page - Actel Corporation EX128-CS100 Datasheet HTML 17Page - Actel Corporation EX128-CS100 Datasheet HTML 18Page - Actel Corporation EX128-CS100 Datasheet HTML 19Page - Actel Corporation EX128-CS100 Datasheet HTML 20Page - Actel Corporation EX128-CS100 Datasheet HTML 21Page - Actel Corporation EX128-CS100 Datasheet HTML 22Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
eX Automotive Family FPGAs
1- 14
v3.2
5 V Tolerance of 3.3 V LVTTL I/Os Using a Tristate Buffer
Input: 3.3 V LVTTL I/Os are 5-V-input tolerant only if the non-PCI mode is used (no clamp diode).
Output: To configure an Actel eX device to drive 5 V with VCCI = 3.3 V, users can utilize an Open Drain configuration of
the I/O cell with an array inverter cell and an external pull-up resistor to 5 V. The recommended configuration is
illustrated in Figure 1-14. The I/O configuration must be set to LVTTL to disable the PCI clamp diode. For the
recommended resistor value in a specific application, please contact Actel Technical Support. For more details, refer to
the Design Tips section of the Actel eX, SX-A and RT54SX-S I/Os application note.
Power Dissipation
Power consumption for eX devices can be divided into
two components: static and dynamic.
Static Power Component
The power due to standby current is typically a small
component of the overall power. Typical standby current
for eX devices is listed in Table 1-10 on page 1-12. For
example, the typical static power for eX128 at 3.3 V VCCI
is:
ICC * VCCA = 795 µA x 2.5 V = 1.99 mW
Dynamic Power Component
Power dissipation in CMOS devices is usually dominated
by the dynamic power dissipation. This component is
frequency-dependent and a function of the logic and the
external I/O. Dynamic power dissipation results from
charging
internal
chip
capacitance.
An
additional
component of the dynamic power dissipation is the
totem pole current in the CMOS transistor pairs. The net
effect can be associated with an equivalent capacitance
that can be combined with frequency and voltage to
represent dynamic power dissipation.
Dynamic power dissipation = CEQ * VCCA
2 x F
Equivalent capacitance is calculated by measuring ICCA at
a specified frequency and voltage for each circuit
component of interest. Measurements have been made
over a range of frequencies at a fixed value of VCCA.
Equivalent capacitance is frequency-independent, so the
results can be used over a wide range of operating
conditions. Equivalent capacitance values are shown
below.
CEQ Values for eX Devices
The variable and fixed capacitance of other device
components must also be taken into account when
estimating the dynamic power dissipation.
Figure 1-14 • Open-Drain Configuration for eX
E
TRIBUFF
User Internal Signal
Actel Open Drain Configuration
PAD
5 V
CEQ = Equivalent capacitance
F
= switching frequency
Combinatorial modules (Ceqcm) 1.70 pF
Sequential modules (Ceqsm)
1.70 pF
Input buffers (Ceqi)
1.30 pF
Output buffers (Ceqo)
7.40 pF
Routed array clocks (Ceqcr)
1.05 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com