Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100 Datasheet(PDF) 23 Page - Actel Corporation

Part # EX128-CS100
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100 Datasheet(HTML) 23 Page - Actel Corporation

Back Button EX128-CS100 Datasheet HTML 19Page - Actel Corporation EX128-CS100 Datasheet HTML 20Page - Actel Corporation EX128-CS100 Datasheet HTML 21Page - Actel Corporation EX128-CS100 Datasheet HTML 22Page - Actel Corporation EX128-CS100 Datasheet HTML 23Page - Actel Corporation EX128-CS100 Datasheet HTML 24Page - Actel Corporation EX128-CS100 Datasheet HTML 25Page - Actel Corporation EX128-CS100 Datasheet HTML 26Page - Actel Corporation EX128-CS100 Datasheet HTML 27Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
eX Automotive Family FPGAs
v3.2
1-19
Input Buffer Delays
C-Cell Delays
Cell Timing Characteristics
Table 1-14 • Input Buffer Delays
PAD
Y
INBUF
In
3V
0V
1.5 V
Out
GND
50%
1.5 V
50%
t
INY
t
INY
VCC
Table 1-15 • C-Cell Delays
S
A
B
Y
S, A, or B
Out
GND
50%
Out
GND
GND
50%
50%
50%
50%
50%
V
CC
V
CC
V
CC
t
PD
t
PD
t
PD
t
PD
Figure 1-17 • Flip-Flops
(Positive edge triggered)
D
CLK
CLR
Q
D
CLK
Q
CLR
t HPWH,
tWASYN
tHD
t
HPWL
,
t
CLR
t
RPWL
t RPWH
PRESET
tPRESET
PRESET
t
HP
t SUD
tRCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com